Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5353-3.3YMT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5353-3.3YMT
Description  500mA LDO in 1.6mm1.6mm Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5353-3.3YMT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5353-3.3YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5353-3.3YMT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC5353
October 27, 2015
7
Revision 2.0
Applications Information
Enable/Shutdown
The MIC5353 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable
pin low disables the regulator and sends it into a “zero”
off-mode-current state. In this state, current consumed
by the regulator goes nearly to zero. Forcing the enable
pin high enables the output voltage. The active-high
enable pin uses CMOS technology and the enable pin
cannot be left floating; a floating enable pin may cause
an indeterminate state on the output.
Input Capacitor
The MIC5353 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input-to-ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. The use of
additional high-frequency capacitors, such as small-
valued NPO dielectric-type capacitors, help filter out
high-frequency noise and are good practice in any RF-
based circuit.
Output Capacitor
The MIC5353 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High-ESR
capacitors may cause high-frequency oscillation. The
output
capacitor
can
be
increased,
although
performance has been optimized for a 1µF ceramic
output capacitor and doing so does not improve
significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance.
The
X7R-type
capacitors
change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over
their operating temperature ranges. To use a ceramic
chip capacitor with Y5V dielectric, the value must be
much higher than an X7R ceramic capacitor thereby
ensuring the same minimum capacitance over the
equivalent operating temperature range.
Bypass Capacitor
A capacitor can be placed from the noise bypass pin-to-
ground to reduce output voltage noise. The capacitor
bypasses the internal ref
erence. A 0.1μF capacitor is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased, further
reducing noise and improving PSRR. Turn-on time
increases slightly with respect to bypass capacitance.
A unique, quick-start circuit allows the MIC5353 to drive
a large capacitor on the bypass pin without significantly
slowing turn-on time.
No-Load Stability
Unlike many other voltage regulators, the MIC5353 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Adjustable Regulator Application
Adjustable regulators use the ratio of two resistors to
multiply the reference voltage to produce the desired
output voltage. The MIC5353 can be adjusted from
1.25V to 5.5V by using two external resistors (Figure 1).
The resistors set the output voltage based on the
following equation:
 +
=
R2
R1
1
V
V
REF
OUT
VREF = 1.25V
Figure 1. Adjustable Voltage Output
Thermal Considerations
The
MIC5353
is
designed
to
provide
500mA of
continuous
current.
Maximum
ambient
operating
temperature can be calculated based on the output
current and the voltage drop across the part. Given that
the input voltage is 3.3V, the output voltage is 2.8V and
the output current = 500mA.
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND


Similar Part No. - MIC5353-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353-3.3YMT MICREL-MIC5353-3.3YMT Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
More results

Similar Description - MIC5353-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
logo
Dialight Corporation
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
logo
Everlight Electronics C...
PT958-8C EVERLIGHT-PT958-8C_09 Datasheet
200Kb / 7P
   1.6mm Side Looking Phototransistor
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Maxim Integrated Produc...
MAX15104 MAXIM-MAX15104 Datasheet
2Mb / 10P
   Small 2A, Low-Dropout Linear Regulator in a 2.7mm x 1.6mm Package
Rev 0; 4/12
logo
Dialight Corporation
598-8710-307F DIALIGHT-598-8710-307F Datasheet
1Mb / 2P
   Micro LED SMD LED (1.6mm X 1.6mm X 0.7mm) Tri-Color
logo
Vectron International, ...
VXM9 VECTRON-VXM9 Datasheet
405Kb / 3P
   2.0 x 1.6mm Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com