Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC6315-42D3UY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC6315-42D3UY
Description  Open-Drain 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-42D3UY Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC6315-42D3UY Datasheet HTML 1Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 2Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 3Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 4Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 5Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 6Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 7Page - Micrel Semiconductor MIC6315-42D3UY Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC6315
Open-Drain µP Reset Circuit
General Description
The MIC6315 is an inexpensive reset generator circuit that
monitors
power
supplies
in
microprocessor-based
systems.
The function of this device is to assert a reset if either
the power supply drops below a designated reset
threshold level or /MR is forced low. Several different reset
threshold levels are available to accommodate 3V, 3.3V,
or 5V powered systems.
The MIC6315 has an active low, open-drain /RESET
output. The reset output is guaranteed to remain asserted
for a minimum of either 20ms, 140ms, or 1100ms after VCC
has risen above the designed reset threshold level. The
MIC6315 is available in a 4-pin SOT-143 package.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Precision voltage monitor for 3V, 3.3V, or 5V power
supplies
• /RESET remains valid with V
CC as low as 1V
5μA supply current
• 20ms, 140ms, or 1100ms minimum reset pulse widths
available
• Manual reset input
• Available in 4-pin SOT-143 package
Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Embedded controllers
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 17, 2014
Revision 2.0


Similar Part No. - MIC6315-42D3UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-42D3UY MICREL-MIC6315-42D3UY Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-42D3UY-TR MICROCHIP-MIC6315-42D3UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-42D3UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com