Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC6315-30D3UY Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC6315-30D3UY
Description  Open-Drain 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-30D3UY Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC6315-30D3UY Datasheet HTML 1Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 2Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 3Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 4Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 5Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 6Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 7Page - Micrel Semiconductor MIC6315-30D3UY Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC6315
Absolute Maximum Ratings
(4)
Terminal Voltage
(VCC, /RESET)......................................
−0.3V to +6.0V
(/MR) ............................................
−0.3V to (V
CC + 0.3V)
Rate-of-Rise (VCC) ................................................. 100V/µs
Input Current (VCC, /MR)............................................20mA
Output Current (/RESET) ............................................20mA
Lead Temperature (soldering, 10s)............................ 300°C
Storage Temperature (TS)......................... −65°C to +150°C
ESD Rating
(6).................................................................. 3kV
Operating Ratings
(5)
Input Voltage (/RESET)....................................GND to 5.5V
Operating Temperature Range ................... –40°C to +85°C
Junction Temperature (TJ) ........................ –40°C to +125°C
Power Dissipation (TA = +70°C)...............................320mW
Electrical Characteristics
For typical values, VCC = 2.5V to 5.5V; TA = +25°C, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Operating Voltage Range
1
5.5
V
ICC
Supply Current
VCC = 5.5V, no load.
5
15
µA
VCC = 3.6V, no load.
5
10
VTH
Reset Voltage Threshold
Note 7
VTH − 2.5%
VTH
VTH + 2.5%
V
tRST
Reset Timeout Period
D2U
20
28
44
ms
D3U
140
200
320
D4U
1100
1500
2500
VOL
/RESET Output Voltage
VCC
≥ 4.0V, tSINK = 3.2mA
0.4
V
VCC
≥ 2.5V, tSINK = 1.2mA
0.3
VCC
≥ 1.0V, tSINK = 50µA
0.3
/RESET Output Leakage
/RESET de-asserted
1
µA
/MR Minimum Pulse Width
10
µs
/MR-to-Reset Delay
0.5
µs
VIH
/MR Input Threshold
VTH > 4.0V
2.3
V
VTH < 4.0V
0.7 × VCC
VIL
/MR Input Threshold
VTH > 4.0V
0.8
V
VTH < 4.0V
0.25 × VCC
/MR Pull-Up Resistance
10
20
30
k
/MR Glitch Immunity
100
ns
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
7.
Various reset thresholds available. See Ordering Information or contact factory.
October 17, 2014
4
Revision 2.0


Similar Part No. - MIC6315-30D3UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-30D3UY MICREL-MIC6315-30D3UY Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-30D3UY-TR MICROCHIP-MIC6315-30D3UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-30D3UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com