Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94310-SYCS Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC94310-SYCS
Description  200mA LDO with Ripple Blocker??Technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-SYCS Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC94310-SYCS Datasheet HTML 3Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 6Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 9Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 10Page - Micrel Semiconductor MIC94310-SYCS Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
MIC94310
Typical Characteristics (Continued)
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
PSRR C
OUT = 10µF
V
IN = 3.6V
V
IN = 2.5V
V
IN = 2.0V
V
IN = VIN(NOM) + 40mVpp
LOAD = 100mA
V
OUT = 1.8V
10
100
1K
10K
100K
1M
10M
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
PSRR (Varying C
OUT)
C
OUT = 2.2µF
C
OUT = 1µF
C
OUT = 0.47µF
V
IN = 2.5V + 40mVpp
LOAD = 100mA
V
OUT = 1.8V
10
100
1K
10K
100K
1M
10M
Dropout Voltage
vs. Output Current
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
200
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
0
20
40
60
80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN = 3.6V
CIN = COUT = 1µF
Output Voltage
vs. Input Voltage
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
INPUT VOLTAGE (V)
IOUT = 200mA
Ground Current
vs. Output Current
150
155
160
165
170
175
0
20
40
60
80
100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN =2.8V
CIN = COUT =1µF
Ground Current
vs. Input Voltage
120
130
140
150
160
170
180
190
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
INPUT VOLTAGE (V)
IOUT = 100mA
IOUT = 200mA
CIN = COUT =1µF
PSRR (Varying COUT)
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
COUT = 2.2µF
COUT = 10µF
COUT = 4.7µF
VIN = 2.5V + 40mVpp
LOAD = 100mA
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M
Output Noise Spectral Density
0.01
0.10
1.00
10.00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
FREQUENCY (Hz)
VIN = VEN = 3.1V
CIN = COUT = 1µF
VOUT = 1.8V
NOISE (10Hz to 100kHz)
= 82.55µVRMS
10
100
1k
10k
100k
1M
September 11, 2014
7
Revision 2.1


Similar Part No. - MIC94310-SYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-SYCS MICREL-MIC94310-SYCS Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-SYCS-TR MICROCHIP-MIC94310-SYCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
More results

Similar Description - MIC94310-SYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com