Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29302A Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC29302A
Description  3A Fast-Response LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29302A Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC29302A Datasheet HTML 1Page - Micrel Semiconductor MIC29302A Datasheet HTML 2Page - Micrel Semiconductor MIC29302A Datasheet HTML 3Page - Micrel Semiconductor MIC29302A Datasheet HTML 4Page - Micrel Semiconductor MIC29302A Datasheet HTML 5Page - Micrel Semiconductor MIC29302A Datasheet HTML 6Page - Micrel Semiconductor MIC29302A Datasheet HTML 7Page - Micrel Semiconductor MIC29302A Datasheet HTML 8Page - Micrel Semiconductor MIC29302A Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC29302A
October 3, 2014
5
Revision 2.0
Typical Characteristics
Dropout Voltage
vs. Input Voltage
0
100
200
300
400
500
0
4
8
12
16
INPUT VOLTAGE (V)
IOUT = 3A
IOUT = 1.0A
GND Pin Current
vs. Input Voltage
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
0
4
8
12
16
INPUT VOLTAGE (V)
IOUT = 3A
Adjust Pin Voltage
vs. Input Voltage
1.230
1.235
1.240
1.245
1.250
0
4
8
12
16
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 3A
Adjust Pin Current
vs. Input Voltage
40
42
44
46
0
4
8
12
16
INPUT VOLTAGE (V)
ILOAD = 10mA
Load Regulation
vs. Input Voltage
0.000
0.100
0.200
0.300
0
4
8
12
16
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 10mA to 3A
Short-Circuit Current
vs. Input Voltage
0
2
4
6
8
10
0
4
8
12
16
INPUT VOLTAGE (V)
VOUT = 0V
Enable Pin Current
vs. Input Voltage
0.00
5.00
10.00
15.00
20.00
0
4
8
12
16
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 10mA
VEN = VIN
Output Voltage
vs. Input Voltage
1.240
1.241
1.242
1.243
0
4
8
12
16
INPUT VOLTAGE (V)
VOUT = 1.24V
IOUT = 10mA


Similar Part No. - MIC29302A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29302AWD MICREL-MIC29302AWD Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29302AWU MICREL-MIC29302AWU Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results

Similar Description - MIC29302A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
   3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com