Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC95410YFL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC95410YFL
Description  6.6m廓 RDS(ON), 7A, 5.5V VIN Load Switch in 1.2mm2.0mm QFN Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC95410YFL Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC95410YFL Datasheet HTML 1Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 2Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 3Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 4Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 5Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 6Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 7Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 8Page - Micrel Semiconductor MIC95410YFL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC95410
6.6mΩ RDS(ON), 7A, 5.5V VIN Load Switch in
1.2mm × 2.0mm QFN Package
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 30, 2014
Revision 1.0
General Description
The MIC95410 is a high-side load switch for computing
and ultra-dense embedded computing boards where high-
current low-voltage rails from sub-1V to 5.5V have to be
sectioned.
The
integrated
6.6m
Ω R
DS(ON)
N-channel
MOSFET ensures low voltage drop and low power
dissipation while delivering up to 7A of load current.
The MIC95410 is internally powered by a separated bias
voltage from 2.7V to 9V. It includes a TTL-logic level to
gate a voltage translator driving a charge pump, and an
output discharge function when disabled. The OFF-state
current from bias supply (VS) and the power switch OFF-
state leakage current (IOFF) are both below 1µA.
The
MIC95410
provides
user-adjustable
slew-rate-
controlled turn-on to limit the inrush current to the input
supply voltage.
The MIC95410 is available in a thermally efficient, space-
saving 10-pin 1.2mm x 2.0mm QFN package with 0.5mm
pin pitch and an operating junction temperature range from
–40°C to +125°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Ultra-low R
DS(on)
: 6.6mΩ typical
• True 7A current capability
• Power rail switching from sub-1V to 5.5V
• Bias voltage form 2.7V to 9V
≤1μA OFF-state bias supply current
≤1μA OFF-state power switch leakage current
• Adjustable slew rate for inrush current limiting by
external capacitor
• Load discharge
• TTL-compatible control input
• 10-pin 1.2mm × 2.0mm QFN package, 0.5mm pin pitch
• –40°C to +125°C junction temperature range
Applications
• Embedded computing boards
• Servers
• Data storage equipment
Typical Application
MIC95410 Load Switch


Similar Part No. - MIC95410YFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910YM5 MICREL-MIC910YM5 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
More results

Similar Description - MIC95410YFL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
   5.5V, 2.4A, Low RDS(ON) Load Switch
MP5075L MPS-MP5075L Datasheet
748Kb / 12P
   5.5V, 1A, Low RDS(ON) Load Switch
logo
Micrel Semiconductor
MIC9404X MICREL-MIC9404X Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 package
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
   5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
   5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
   5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
   5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
logo
Texas Instruments
ADS1015IDGST TI-ADS1015IDGST Datasheet
1Mb / 33P
[Old version datasheet]   ULTRA-SMALL QFN PACKAGE:2mm 횞 1,5mm 횞 0,4mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com