Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button PL904XXX Datasheet HTML 4Page - Micrel Semiconductor PL904XXX Datasheet HTML 5Page - Micrel Semiconductor PL904XXX Datasheet HTML 6Page - Micrel Semiconductor PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor PL904XXX Datasheet HTML 10Page - Micrel Semiconductor PL904XXX Datasheet HTML 11Page - Micrel Semiconductor PL904XXX Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Micrel, Inc.
PL904xxx
September 11, 2015
8
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
Power Supply Filtering Recommendations
Preferred filter, using Micrel’s MIC94300 or MIC94310 Ripple Blocker™:
Alternative, traditional filter, using a ferrite bead:
VDDO and VDD pins can be connected directly to the VDD power plane. For VDDA and VDDI it is recommended to use a
power supply filter as described above.
Application Information
Power Supply Decoupling
Place the smallest value decoupling capacitor (4.7nF
above) between the VDD and VSS pins, as close as
possible to those pins and on the same side of the PCB as
the IC. The shorter the physical path from VDD to the
capacitor and back from the capacitor to VSS, the more
effective the decoupling. Use one 4.7nF capacitor for each
VDD pin on the PL904xxx.
The impedance value of the ferrite bead (FB) needs to be
between 240Ω and 600Ω with a saturation current
≥150mA.
VDDO pins connect directly to the VDD plane. All VDD
pins on the PL904xxx connect to VDD after the power
supply filter.
A Ripple Blocker has advantages over using a ferrite bead.
A Ripple Blocker filters much lower frequencies than a
ferrite bead, at least two decades lower. Most ferrite beads
cause peaking in the noise filter frequency response, so
some noise frequencies are actually made worse. The
Ripple Blocker is designed to not have any noise peaking.
Output Traces
Design the traces for the output signals according to the
output logic requirements. If LVCMOS is unterminated,
add a 30Ω resistor in series with the output, as close as
possible to the output pin, and start a 50Ω trace on the
other side of the resistor.
For differential traces, you can either use a differential
design or two se
parate 50Ω traces. For EMI reasons, it is
better to use a differential design.
LVDS can be AC-coupled or DC-coupled to its termination.


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
   Combine Small Form Factor with High Performance
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com