Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL904XXX Datasheet HTML 1Page - Micrel Semiconductor PL904XXX Datasheet HTML 2Page - Micrel Semiconductor PL904XXX Datasheet HTML 3Page - Micrel Semiconductor PL904XXX Datasheet HTML 4Page - Micrel Semiconductor PL904XXX Datasheet HTML 5Page - Micrel Semiconductor PL904XXX Datasheet HTML 6Page - Micrel Semiconductor PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
PL904xxx
September 11, 2015
5
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(3)
Supply Voltage (VDD, VDDI, VDDA, VDDOA/B)....................+4.6V
Input Voltage (VIN) ................................ −0.5V to VDD + 0.5V
Lead Temperature (soldering, 20s)............................ 260°C
Case Temperature ..................................................... 115°C
Storage Temperature (Ts)......................... –65°C to +150°C
Operating Ratings
(4)
Supply Voltage
(VDD, VDDA, VDDOA/B, VDDI)....................... +2.375V to +3.465V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
(5)
(
θ
JA), Still-Air ...................................................... 34°C/W
DC Electrical Characteristics
(6)
VDD, VDDA, VDDOA/B, VDDI = 2.375V ~ 3.465V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
VDDA
VDDOA/B
Power supply voltage
2.375
3.465
V
VDDI
Power supply voltage
3.135
3.465
V
IDD
Total supply current, VDD + VDDO
2 × LVPECL, 156.25MHz
Outputs open
220
mA
2 × HCSL (PCIe), 100MHz
Outputs terminated with 50
Ω to VSS
230
mA
2 × LVCMOS, 125MHz
Outputs open
210
mA
REFIN DC Electrical Characteristics
(6)
VDDI = 3.135V ~ 3.465V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCMR
Input common mode voltage
0.3
VDDI
0.3
V
VSWING
Input voltage swing
Peak to peak. Each side of the differential
input.
0.2
VDDI
VPP
Notes:
3.
Exceeding the absolute maximum ratings may damage the device.
4.
The device is not guaranteed to function outside its operating ratings.
5.
Package thermal resistance assumes the exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
6.
The circuit is designed to meet the AC and DC specifications shown in the Electrical Characteristics tables after thermal equilibrium has been
established.


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
   Combine Small Form Factor with High Performance
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com