Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-301185-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-301185-7
Description  626 Pneumatic Crimping Heads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-301185-7 Datasheet(HTML) 1 Page - Tyco Electronics

  1-301185-7 Datasheet HTML 1Page - Tyco Electronics 1-301185-7 Datasheet HTML 2Page - Tyco Electronics 1-301185-7 Datasheet HTML 3Page - Tyco Electronics 1-301185-7 Datasheet HTML 4Page - Tyco Electronics 1-301185-7 Datasheet HTML 5Page - Tyco Electronics 1-301185-7 Datasheet HTML 6Page - Tyco Electronics 1-301185-7 Datasheet HTML 7Page - Tyco Electronics 1-301185-7 Datasheet HTML 8Page - Tyco Electronics 1-301185-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Instruction Sheet
626 Pneumatic Crimping Heads
408--4366
LOC B
1
of 10
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
11 MAR 10 Rev C
662546- 1 and 1320369- 1
Figure 1
Quick
Pin(s)
Rollers
Tool Holder
Assembly
189767--1 or
356302--1
Locator
626 Pneumatic
Crimping Head
662546-1 Shown,
(Ref)
Guard
Upper
Crimping Jaw
Product:
COPALUM* Terminals and Splices
Wire Size:
8 AWG, Stranded Copper, Film--Insulated
Copper, or Film--Insulated Aluminum
Product Catalog:
82020
Tooling Catalog:
124208
Link
Lower
Crimping Jaw
1. INTRODUCTION
626 Pneumatic Crimping Heads 662546--1 and
1320369--1 (shown in Figure 1) are designed to crimp
COPALUM terminals, butt splices, and parallel splices
onto wire size 8 AWG. The crimping heads are used
with 626 Pneumatic Tooling Assemblies 189721--2 or
189722--2 when fitted with Tool Holder Assembly
189767--1 or 356302--1.
This instruction sheet provides recommended
procedures for wire preparation, crimping head
installation, crimping, and maintenance and
inspection. For setup and operation of the pneumatic
tools, refer to Customer Manual 409--5862 packaged
with the pneumatic tooling assembly. Read these
instructions thoroughly before proceeding.
Dimensions on this sheet are in metric units
[with U.S. customary units in brackets]. Figures
are not drawn to scale.
Reasons for reissue of this document are provided in
Section 9, REVISION SUMMARY.
2. DESCRIPTION
Each pneumatic crimping head is designed with
integral jaws which close in an arc--like motion.
To ensure proper crimping head selection, each
crimping head link is stamped with a wire size range
which must correspond with the wire size range
stamped on the terminal or splice.
After an operator locates the terminal or splice
between the crimping jaws and inserts the stripped
NOTE
i


Similar Part No. - 1-301185-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-304052-9 MACOM-1-304052-9 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
logo
Morse Mfg. Co., Inc.
1-305-1 MORSE-1-305-1 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-1-230 MORSE-1-305-1-230 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-1-50 MORSE-1-305-1-50 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-3 MORSE-1-305-3 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
More results

Similar Description - 1-301185-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-1311 MACOM-408-1311 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
logo
PHOENIX CONTACT
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com