Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-23630-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 5-23630-2
Description  626 Pneumatic Crimping Heads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-23630-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 5-23630-2 Datasheet HTML 2Page - Tyco Electronics 5-23630-2 Datasheet HTML 3Page - Tyco Electronics 5-23630-2 Datasheet HTML 4Page - Tyco Electronics 5-23630-2 Datasheet HTML 5Page - Tyco Electronics 5-23630-2 Datasheet HTML 6Page - Tyco Electronics 5-23630-2 Datasheet HTML 7Page - Tyco Electronics 5-23630-2 Datasheet HTML 8Page - Tyco Electronics 5-23630-2 Datasheet HTML 9Page - Tyco Electronics 5-23630-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
408- 4366
Pneumatic Crimping Heads 662546- 1 and 1320369- 1
Rev C
8
of 10
Tyco Electronics Corporation
Figure 7
Detail A
Inspection of
Inner Crimping Section
Detail B
Inspection of
Outer Crimping Section
Crimping Jaws
Bottomed But Not
Under Pressure
“GO” Gage Element Must Rotate
Freely in Either Direction
Right Outer
Crimping
Section
Left Outer
Crimping
Section
Lower Jaw
“NO-GO” Gage Element
Must Not Rotate
Locator Positioned in
Notch of Gage Element
Crimping Jaws
Are Not Bottomed
Locator
Surfaces of Crimping
Chamber Seated on
Gage Element
Lower Jaw


Similar Part No. - 5-23630-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-2361493-1 TEC-5-2361493-1 Datasheet
214Kb / 2P
   PIN SIZE 8.0mm, PIN FLOATING ICCON INSERT
logo
Tyco Electronics
5-23619-3 MACOM-5-23619-3 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
5-2364427-1 TEC-5-2364427-1 Datasheet
2Mb / 7P
   PCI EXPRESS CARD EDGE CONNECTOR GEN5, STD
Rev. D1
5-2364427-2 TEC-5-2364427-2 Datasheet
2Mb / 7P
   PCI EXPRESS CARD EDGE CONNECTOR GEN5, STD
Rev. D1
5-2364427-3 TEC-5-2364427-3 Datasheet
2Mb / 7P
   PCI EXPRESS CARD EDGE CONNECTOR GEN5, STD
Rev. D1
More results

Similar Description - 5-23630-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-1311 MACOM-408-1311 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
logo
PHOENIX CONTACT
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com