Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1320190-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1320190-1
Description  Read these instructions and understand them before using the seating tool.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1320190-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1320190-1 Datasheet HTML 1Page - TE Connectivity Ltd 1320190-1 Datasheet HTML 2Page - TE Connectivity Ltd 1320190-1 Datasheet HTML 3Page - TE Connectivity Ltd 1320190-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408-8501
Rev J
4 of 4
SEATING TOOL
DIMENSION
A
B
C
91348-1
12.70 [.500]
24.97 [.9830]
11.43
91348-2
---
49.86 [1.963]
91348-3
20.35 [.801]
10.1 [.398]
91348-4
17.85 [.702]
15.1 [.594]
91349-1
12.70 [.500]
24.97 [.9830]
19.56 [.770]
91349-2
7.11 [.280]
37.41 [1.473]
91349-3
10.41 [.410]
29.95 [1.179]
91349-4
---
49.86 [1.963]
91349-5
12.70 [.500]
12.40 [.4880]
91349-6
12.70 [.500]
24.97 [.9830]
20.4 [.803]
91375-1
12.70 [.500]
24.97 [.9830]
14.99 [.590]
91375-2
6.71 [.264]
37.39 [1.472]
REPLACEMENT PARTS
ITEM
PART NUMBER (Number of Connector Columns)
DESCRIPTION
QTY PER
TOOL
91348-1
(10-Column)
91348-2
(20-Column)
91375-1
(10-Column)
91375-2
(15-Column)
1
354698-1
354698-1
354698-1
354698-1
ADAPTER
1
2
1424662-1
1424662-2
1673266-1
1673266-2
BLADE
1
3
2-21006-8
2-21006-8
2-21006-9
2-21006-9
SETSCREW, 6-32 x .188 in.
2
4
1490807-1
1490807-1
1490807-1
1490807-1
KEY
2
ITEM
PART NUMBER (Number of Connector Columns)
DESCRIPTION
QTY
PER
TOOL
91349-1
(10-
Column)
91349-2
(15-
Column)
91349-3
(12-
Column)
91349-4
(20-
Column)
91349-5
(5-
Column)
91349-6
(10-
Column)
1
1320190-1
1320190-1
1320190-1
1320190-1
1320190-3
1320190-1
ADAPTER
1
2
1424661-1
1424661-2
1424661-3
1324661-4
1424661-5
1424661-6
BLADE
1
3
2-21006-9
2-21006-9
2-21006-9
2-21006-9
2-21006-9
2-21006-9
SETSCREW, 6-32 x
.188 in.
2
4
1490807-1
1490807-1
1490807-1
1490807-1
---
1490807-2
KEY
2
---
---
---
---
1490807-1
---
1
ITEM
PART NUMBER (Number of Connector Columns)
DESCRIPTION
QTY PER
TOOL
91348-3 (4-Column)
91348-4 (6-Column)
1
354698-1
354698-1
ADAPTER
1
2
1424662-3
1424662-4
BLADE
1
3
2-21006-9
2-21006-9
SETSCREW, 6-32 x .188 IN.
2
4
1490807-1
1490807-1
KEY
1
Figure 3 (end)


Similar Part No. - 1320190-1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13201 FREESCALE-13201 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
13201 FREESCALE-13201 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Heyco.
13201 HEYCO-13201 Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
13201B HEYCO-13201B Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
More results

Similar Description - 1320190-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-8465 TEC-408-8465 Datasheet
147Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-9916 TEC-408-9916 Datasheet
82Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-4430 TEC-408-4430 Datasheet
102Kb / 3P
   Read these instructions and understand them before using the seating tool and support anvil.
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com