Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-25022-3 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 2-25022-3
Description  626 Pneumatic Crimping Heads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-25022-3 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 2-25022-3 Datasheet HTML 2Page - Tyco Electronics 2-25022-3 Datasheet HTML 3Page - Tyco Electronics 2-25022-3 Datasheet HTML 4Page - Tyco Electronics 2-25022-3 Datasheet HTML 5Page - Tyco Electronics 2-25022-3 Datasheet HTML 6Page - Tyco Electronics 2-25022-3 Datasheet HTML 7Page - Tyco Electronics 2-25022-3 Datasheet HTML 8Page - Tyco Electronics 2-25022-3 Datasheet HTML 9Page - Tyco Electronics 2-25022-3 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
408- 4366
Pneumatic Crimping Heads 662546- 1 and 1320369- 1
9
of 10
Rev C
Tyco Electronics Corporation
2
3
5
6
7
8 9
1
4
14
16 17 18 19
12
13
15
10
3.68--3.71 mm
[1.45--1.46 in.]
11
Add Shims to Reduce Gap
Between Item 6 (Retaining Ring)
and Item 11 (Link) to 0.178 mm [.007 in.] (Max)
Pneumatic
Crimping Head
662546-1
Pneumatic
Crimping Head
1320369-1
30
7
22
23
24
25
20
4
8
9
21
26 27 28 29


Similar Part No. - 2-25022-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-25L ETC2-2-25L Datasheet
48Kb / 2P
   CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
More results

Similar Description - 2-25022-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-1311 MACOM-408-1311 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
logo
PHOENIX CONTACT
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com