Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23241-2 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 23241-2
Description  626 Pneumatic Crimping Heads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

23241-2 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 23241-2 Datasheet HTML 2Page - Tyco Electronics 23241-2 Datasheet HTML 3Page - Tyco Electronics 23241-2 Datasheet HTML 4Page - Tyco Electronics 23241-2 Datasheet HTML 5Page - Tyco Electronics 23241-2 Datasheet HTML 6Page - Tyco Electronics 23241-2 Datasheet HTML 7Page - Tyco Electronics 23241-2 Datasheet HTML 8Page - Tyco Electronics 23241-2 Datasheet HTML 9Page - Tyco Electronics 23241-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
408- 4366
Pneumatic Crimping Heads 662546- 1 and 1320369- 1
Rev C
10
of 10
Tyco Electronics Corporation
CUSTOMER REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
HEAD 662546--1
(QTY PER HEAD)
HEAD 1320369--1
(QTY PER HEAD)
1
662547--1
INDENTER
1
——
2
662548--1
ANVIL
1
——
3
679942--1
SPRING
1
——
4
23241--2
BALL, Steel
1
1
5
6--23629--0
PIN, Str Grv, .3125 Dia x 1.488
2
——
6
1--21048--0
RING, Retaining
4
——
7
314479--4
ROLLER
4
4
8
3--23620--3
PIN, Str Grv, .2500 Dia
2
2
9
21045--6
RING, Retaining
4
4
10
662549--1
GUARD
1
——
11
768521--6
LINK
2
——
12
189973--2
LOCATOR
1
——
13
21919--4
PIN, Dowel
1
——
14
22353--4
SCREW, Shoulder
1
——
15
2--25022--3
SPRING, Compression
1
——
16
301185--6
SHIM, 0.20 mm [.008 in.]
as required
——
17
301185--7
SHIM, 0.25 mm [.010 in.]
as required
——
18
301185--8
SHIM, 0.31 mm [.012 in.]
as required
——
19
301185--9
SHIM, 0.38 mm [.015 in.]
as required
——
20
1320368--1
ANVIL
——
1
21
1320367--1
INDENTER
——
1
22
1320370--1
GUARD
——
1
23
1320371--1
LINK
——
2
24
5--23630--2
PIN, Str Grv, .378 Dia x 1.508
——
2
25
1--21048--3
RING, Retaining
——
4
26
1--301185--7
SHIM, 0.20 mm [.008 in.]
——
as required
27
1--301185--8
SHIM, 0.25 mm [.010 in.]
——
as required
28
1--301185--9
SHIM, 0.31 mm [.012 in.]
——
as required
29
2--301185--0
SHIM, 0.38 mm [.015 in.]
——
as required
30
679942--2
SPRING
——
1
Figure 8


Similar Part No. - 23241-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
23241-2 TEC-23241-2 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
More results

Similar Description - 23241-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-1311 MACOM-408-1311 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
logo
PHOENIX CONTACT
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com