Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LECGP3W-8U7V-1 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LECGP3W-8U7V-1
Description  OSTAR High Power Projection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3W-8U7V-1 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LECGP3W-8U7V-1 Datasheet HTML 7Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 8Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 9Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 10Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 11Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 12Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 13Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 14Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Version 1.4
LE CG P3W
2015-08-12
11
Forward Current 7) page 24 , 4) page 23
Durchlassstrom 7) Seite 24 , 4) Seite 23
IF = f (VF); TJ = 25 °C; per Chip
Relative Luminous Flux 7) page 24 , 4) page 23
Relativer Lichtstrom 7) Seite 24 , 4) Seite 23
ΦVV(6000 mA) = f(IF); TJ = 25 °C; per Chip
Chromaticity Coordinate Shift 7) page 24
Farbortverschiebung 7) Seite 24
ΔCx, ΔCy = f(IF); TJ = 25 °C
full spectral range
Chromaticity Coordinate Shift 7) page 24
Farbortverschiebung 7) Seite 24
ΔCx, ΔCy = f(IF); TJ = 25 °C
within λ = 500 ... 600 nm
LE B Q9WP
2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4
UF [V]
1000
2000
3000
4000
5000
6000
IF [mA]
35IB1200600018
1000 2000 3000 4000 5000 6000
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
Φv
Φv(6000 mA)
35IDC200600018
1000 2000 3000 4000 5000 6000
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Cx
Cy
: ∆Cx
: ∆Cy
37IDC200600018
1000 2000 3000 4000 5000 6000
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
Cx
Cy
: ∆Cx
: ∆Cy


Similar Part No. - LECGP3W-8U7V-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP3W-8U7V-1 OSRAM-LECGP3W-8U7V-1 Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results

Similar Description - LECGP3W-8U7V-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
   OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
   OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
   OSTAR High Power Projection
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
   OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
   OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
   OSTAR High Power Projection
LECGP1A-5T8T-A OSRAM-LECGP1A-5T8T-A Datasheet
949Kb / 23P
   OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com