Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LECGP3W-8U7V-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LECGP3W-8U7V-1
Description  OSTAR High Power Projection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3W-8U7V-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LECGP3W-8U7V-1 Datasheet HTML 5Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 6Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 7Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 8Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 9Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 10Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 11Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 12Page - OSRAM GmbH LECGP3W-8U7V-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Version 1.4
LE CG P3W
2015-08-12
9
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 24
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 24
Φrel = f (λ); TJ = 25 °C; IF = 6000 mA; per Chip
Radiation Characteristics 7) page 24
Abstrahlcharakteristik 7) Seite 24
Irel = f (ϕ); TJ = 25 °C
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Φrel
: Vλ
: converted green
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ [°]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0 Ιv rel


Similar Part No. - LECGP3W-8U7V-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP3W-8U7V-1 OSRAM-LECGP3W-8U7V-1 Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results

Similar Description - LECGP3W-8U7V-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
   OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
   OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
   OSTAR High Power Projection
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
   OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
   OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
   OSTAR High Power Projection
LECGP1A-5T8T-A OSRAM-LECGP1A-5T8T-A Datasheet
949Kb / 23P
   OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com