Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEATBN7WM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LEATBN7WM
Description  compact lightsource in SMT technology with glass window on top
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBN7WM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LEATBN7WM Datasheet HTML 6Page - OSRAM GmbH LEATBN7WM Datasheet HTML 7Page - OSRAM GmbH LEATBN7WM Datasheet HTML 8Page - OSRAM GmbH LEATBN7WM Datasheet HTML 9Page - OSRAM GmbH LEATBN7WM Datasheet HTML 10Page - OSRAM GmbH LEATBN7WM Datasheet HTML 11Page - OSRAM GmbH LEATBN7WM Datasheet HTML 12Page - OSRAM GmbH LEATBN7WM Datasheet HTML 13Page - OSRAM GmbH LEATBN7WM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Version 2.1 (not for new design)
LE ATB N7WM
2015-11-25
10
Dominante Wellenlänge
1) 2) Seite 21
Dominant Wavelength
1) 2) page 19
λ
dom = f (IF); TJ = 25 °C; true green
Dominante Wellenlänge
1) 2) Seite 21
Dominant Wavelength
1) 2) page 19
λ
dom = f (IF); TJ = 25 °C; blue
26IDL10010005
200
400
600
800
1000
IF [mA]
-10
-5
0
5
10
∆λ[nm]
27IDL10010005
200
400
600
800
1000
IF [mA]
-10
-5
0
5
10
∆λ[nm]


Similar Part No. - LEATBN7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEATBA2A OSRAM-LEATBA2A Datasheet
628Kb / 17P
   Lead (Pb) Free Product - RoHS Compliant
LEATBS2W OSRAM-LEATBS2W Datasheet
1Mb / 20P
   compact lightsource in multi chip SMT technology with glass window on top
More results

Similar Description - LEATBN7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
   compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEBQ7WP-5C8C-24 OSRAM-LEBQ7WP-5C8C-24 Datasheet
875Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com