Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEAP2W-SYTX-23 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEAP2W-SYTX-23
Description  OSTAR High Power Projection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP2W-SYTX-23 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEAP2W-SYTX-23 Datasheet HTML 5Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 6Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 7Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 8Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 9Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 10Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 11Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 12Page - OSRAM GmbH LEAP2W-SYTX-23 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Version 2.8 - OS-PCN-2015-011-A
LE A P2W
2016-01-19
9
Forward Current 6) page 19 , 4) page 19
Durchlassstrom 6) Seite 19 , 4) Seite 19
IF = f (VF); TJ = 25 °C; all dies operated in parallel
Relative Luminous Flux 6) page 19 , 4) page 19
Relativer Lichtstrom 6) Seite 19 , 4) Seite 19
ΦVV(24000 mA) = f(IF); TJ = 25 °C; all dies
operated in parallel
LE A P2W
2,0
2,5
3,0
3,5
VF [V]
5000
10000
15000
20000
IF [mA]
LE A P2W
50
00
10
00
0
15
00
0
20
00
0
40
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
ΦV
ΦV(24000mA)


Similar Part No. - LEAP2W-SYTX-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAP2W-SYTX-23 OSRAM-LEAP2W-SYTX-23 Datasheet
873Kb / 20P
   Projection
More results

Similar Description - LEAP2W-SYTX-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
   OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
   OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
   OSTAR High Power Projection
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
   OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
   OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
   OSTAR High Power Projection
LECGP1A-5T8T-A OSRAM-LECGP1A-5T8T-A Datasheet
949Kb / 23P
   OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com