Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEACWUWVS2WJZLX-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LEACWUWVS2WJZLX-1
Description  compact lightsource in SMT technology with glass window on top
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEACWUWVS2WJZLX-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LEACWUWVS2WJZLX-1 Datasheet HTML 3Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 4Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 5Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 6Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 7Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 8Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 9Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 10Page - OSRAM GmbH LEACWUWVS2WJZLX-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.4
LE ACWUWV S2W
2015-01-20
7
Relative spektrale Emission
2) Seite 23
Relative Spectral Emission
2) page 23
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
rel = f (λ), TJ = 25 °C, IF = 700 mA
Relative spektrale Emission
2) Seite 23
Relative Spectral Emission
2) page 23
Φ
rel = f (λ), TJ = 25 °C, IF (amber/verde) = 300 mA; IF (white/warm white) = 600 mA
LE AC W W V S 2W -MS
350
400
450
500
550
600
650
700
750
800
λ
[nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: V λ
: amber
: warm white
: ultra white
: verde
OHL03776
400
100
nm
%
rel
Φ
λ
80
60
40
20
0
440
480
520
560
600
640
680
720
780


Similar Part No. - LEACWUWVS2WJZLX-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
   OSRAM OSTAR Medical
More results

Similar Description - LEACWUWVS2WJZLX-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
   compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
   compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
   compact lightsource in SMT technology with glass window on top
LEBQ7WP-5C8C-24 OSRAM-LEBQ7WP-5C8C-24 Datasheet
875Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com