Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-304052-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-304052-9
Description  Installation and removal of the crimper from the tool holder assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-304052-9 Datasheet(HTML) 3 Page - Tyco Electronics

  1-304052-9 Datasheet HTML 1Page - Tyco Electronics 1-304052-9 Datasheet HTML 2Page - Tyco Electronics 1-304052-9 Datasheet HTML 3Page - Tyco Electronics 1-304052-9 Datasheet HTML 4Page - Tyco Electronics 1-304052-9 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408- 4214
”T”- HEAD Crimper 217202- 1
3
of 5
Rev A
Tyco Electronics Corporation
5. CRIMPER DISASSEMBLY AND ASSEMBLY
These instructions provide disassembly and assembly
procedures which are to be used whenever internal
parts of the crimper are to be replaced.
5.1. Disassembly (Refer to Figure 3)
1. Obtain a 12.7 mm [.50 in.] thick wooden block
with a surface area large enough to accommodate
the crimper. Lay the flat side of the crimper (side
opposite the plastic slide switch) on the work
surface of the block. Mark the block at the
approximate locations of the two slotted spring pins
on each side of the crimper. At the marks, drill two
1/4--inch holes through the wooden block. The
holes will facilitate driving the slotted spring pins
out the bottom of the crimper.
2. Reposition the crimper on the block so the
slotted spring pins line up with the holes in the
block. Using a 1/8--inch punch, drive the slotted
pins approximately 6.35 mm [.250 in.] through the
crimper housing.
3. Remove the shoulder screw which secures the
plastic slide switch to the internal envelope and
remove the plastic slide switch.
4. Remove the four shoulder cap screws and the
four spring washers which secure the two outer
housings to the center housing, then remove the
outer housing.
5.2. Assembly (Refer to Figure 3)
1. Properly assemble internal parts, using Figure 3
as a guide, and position the roller--guided envelope
assembly in the center housing.
2. Replace outer housing and secure with the four
shoulder cap screws (with spring washers). DO
NOT tighten screws.
3. Position the plastic slide switch so that the
protruding slotted spring pin fits into the slide
groove on the bottom of the switch. Then slide the
switch to align its mounting hole with the hole in
the envelope.
4. Insert the shoulder screw through the plastic
switch into the hole in the envelope and tighten the
screw.
5. Tighten the four shoulder cap screws.
6. Using a bench vice, press the two slotted spring
pins back into the housing.
6. REPLACEMENT AND REPAIR
Replacement parts and recommended spares are
listed in Figure 4. The recommended spares should
be stocked for immediate replacement. Replacement
parts can be ordered from:
CUSTOMER SERVICE (38--35)
TYCO ELECTRONICS CORPORATION
P.O. BOX 3608
HARRISBURG, PA 17105--3608
For further repair and replacement information, call
the Tooling Assistance Center at 1--800--722--1111.
7. REVISION SUMMARY
S
Updated document to corporate requirements
S
Added ORIGINAL INSTRUCTIONS


Similar Part No. - 1-304052-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-301185-7 MACOM-1-301185-7 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
1-301185-8 MACOM-1-301185-8 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
1-301185-9 MACOM-1-301185-9 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
logo
Morse Mfg. Co., Inc.
1-305-1 MORSE-1-305-1 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-1-230 MORSE-1-305-1-230 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
More results

Similar Description - 1-304052-9

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2400 MOLEX-63824-2400 Datasheet
250Kb / 2P
   This Extractor Tool is for the removal of the CSP 6.3 Receptacle Terminals from the CSP Receptacle Housings
09-06-12
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
200222-0100 MOLEX-200222-0100 Datasheet
297Kb / 2P
   This extractor tool is for the removal of crimped terminals from housing series
09-03-21
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
   10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
   FCT Installation and Removal Tool for D-Subs
09/06/2022
logo
TE Connectivity Ltd
408-8550 TEC-408-8550 Datasheet
92Kb / 2P
   This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
   HDM* Stiffener Removal/ Installation Repair Tool
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
   FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com