Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21024-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 21024-2
Description  Installation and removal of the crimper from the tool holder assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

21024-2 Datasheet(HTML) 5 Page - Tyco Electronics

  21024-2 Datasheet HTML 1Page - Tyco Electronics 21024-2 Datasheet HTML 2Page - Tyco Electronics 21024-2 Datasheet HTML 3Page - Tyco Electronics 21024-2 Datasheet HTML 4Page - Tyco Electronics 21024-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 4214
”T”- HEAD Crimper 217202- 1
5
of 5
Rev A
Tyco Electronics Corporation
REPLACEMENT PARTS
3
19
12
13
2
1
6
11
10
5
9
4
14
16
8
7
15
17
20
21
22
23
24
25
18
ITEM
PART NUMBER
DESCRIPTION
QTY
PER
ASSY
1
2G
3
4
5
6
7
8G
9
10G
11G
12
13G
14
15
16
17
18
19
20
21
22
23
24
25
224472--1
217347--1
224471--1
224474--1
217343--1
224473--1
224475--1
1--21010--9
303679
318570--1
314479--4
5--21028--9
3--22279--8
6--21000--8
302389
21024--2
3--21028--3
1--304052--9
2--304052--0
301973
301977
47664--3
21028--3
301974
1--21000--3
HOUSING
PIN, Fixed
PNEUMATIC T--HEAD SUBASSEMBLY
ENVELOPE
LINK
CENTER, Housing
SWITCH
SCREW, Set 4--40 x .125
PIN
PIN, Stepped
ROLLER
PIN, Slotted Spring .125 x 1.00
SPRING
SCREW, Shoulder 4--40 x .88
SPRING
WASHER, Spring Lock #4
PIN, Slotted Spring .094 x .312
LOCATOR, Stop
LOCATOR, Stop
PIN, Adjustment
SPRING
INSERT, Indenter, Insulation
PIN, Slotted Spring .062 x .312
SPRING
SCREW, Shoulder 4--40 x .250
2
2
1
2
2
2
1
1
1
2
8
2
1
4
2
4
2
1
1
1
1
1
1
1
1
G
Recommended Customer Spares
Figure 4


Similar Part No. - 21024-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
21024-2 TEC-21024-2 Datasheet
2Mb / 3P
   THE REPLACEMENT OCEAN STYLE APPLICATOR HAS THE SAME TERMINATOR/PRESS INTERFACE AS APPLICATOR
More results

Similar Description - 21024-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2400 MOLEX-63824-2400 Datasheet
250Kb / 2P
   This Extractor Tool is for the removal of the CSP 6.3 Receptacle Terminals from the CSP Receptacle Housings
09-06-12
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
200222-0100 MOLEX-200222-0100 Datasheet
297Kb / 2P
   This extractor tool is for the removal of crimped terminals from housing series
09-03-21
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
   10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
   FCT Installation and Removal Tool for D-Subs
09/06/2022
logo
TE Connectivity Ltd
408-8550 TEC-408-8550 Datasheet
92Kb / 2P
   This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
   HDM* Stiffener Removal/ Installation Repair Tool
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
   FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com