Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

302561 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 302561
Description  This instruction sheet covers the application and maintenance procedures for Pneumatic Crimping Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

302561 Datasheet(HTML) 3 Page - Tyco Electronics

  302561 Datasheet HTML 1Page - Tyco Electronics 302561 Datasheet HTML 2Page - Tyco Electronics 302561 Datasheet HTML 3Page - Tyco Electronics 302561 Datasheet HTML 4Page - Tyco Electronics 302561 Datasheet HTML 5Page - Tyco Electronics 302561 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
408-4198
Pneumatic Crimping Head Assembly 314991-1
3 of 6
Rev B
Tyco Electronics Corporation
Figure 4
Crimp Inspection
AMPLI-BOND
Terminals and
PLASTI-GRIP
Terminals
1 Wire fully inserted.
2 Crimp centered on wire barrel.
3 Correct color code and crimping head combination. (Terminal
insulation color matches color dot on crimping head.)
4 AWG wire size being used is same as wire size embossed on
terminal insulation and stamped on terminal tongue.
5 End of conductor is flush with end of wire barrel of terminal.
1 Wire not fully inserted or wrong strip length.
2 Crimp not centered on wire barrel. Terminal was not butted
against locator. See Figure 3.
3 Wrong crimping head and terminal color code combination.
See table, Figure 2.
4 AWG wire size being used does not match embossed number
on crimped terminal insulation, or wire size stamped on
terminal tongue.
5 End of conductor is not flush with end of wire barrel of terminal.
6 Nicked or missing conductor strands.
7 Excessive flash or extruded insulation. (Wrong size or
damaged crimping head dies.)
Wire Size
Stamped
Under
Tongue
Wire Size
Stamped
Under
Tongue
1
2
5
3
4
5
4
4
6
1
5
4
3
2
ACCEPT
REJECT
Embossed
Wire Size
Embossed
Wire Size
7
4. Hold terminal in place and press thumb control
and hold it down until crimping stroke is completed.
5. Release thumb control and remove crimped
terminal.
6. Refer to Section 5 and Figure 4 for crimp
inspection procedure.
AMPLI-BOND terminals contain a wire insulation
grip" and PLASTI-GRIP terminals contain a wire
insulation support." Terminal insulation will not
always touch wire insulation, but will provide
support" when wire is flexed.
5. CRIMP INSPECTION
Inspect crimped terminals by checking the features
described in Figure 4. Use only terminals that meet
the conditions shown in the “ACCEPT” column.
“REJECT” terminations can be avoided through
careful use of instruction in Section 4, and by
performing regular head maintenance, as described in
Section 6.
6. MAINTENANCE AND INSPECTION
To avoid personal injury, ALWAYS disconnect air
supply from pneumatic tool before performing
maintenance or inspection.
Tyco Electronics recommends that a maintenance
and inspection program be performed periodically to
ensure dependable and uniform terminations. The
pneumatic crimping head should be inspected once a
month. Frequency of inspection should be adjusted to
suit your requirements through experience.
Frequency of inspection depends on:
1. The care, amount of use, and handling of the
crimping head.
2. The type and size of the product crimped.
3. The degree of operator skill.
4. The presence of abnormal amounts of dust and
dirt.
5. Your own established standards.
Each crimping head is thoroughly inspected before
packaging. Since there is the possibility of damage
during shipment, new crimping heads should be
inspected immediately upon arrival at your facility.
NOTE
i
DANGER


Similar Part No. - 302561

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
302561 MACOM-302561 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
302561 MACOM-302561 Datasheet
357Kb / 8P
   Remove assembly pins from mounting lugs as shown in Figure 1
More results

Similar Description - 302561

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9598 TEC-408-9598 Datasheet
398Kb / 5P
   This instruction sheet covers application and maintenance procedures for Hydraulic Crimping Head
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8959 TEC-408-8959 Datasheet
291Kb / 6P
   This instruction sheet covers application, inspection and maintenance procedures for Hydraulic Crimping Head
408-10243 TEC-408-10243 Datasheet
723Kb / 5P
   This instruction sheet provides information on the application and maintenance procedures for the SDE PEW-12 Hand Crimping
logo
Tyco Electronics
408-4020 MACOM-408-4020 Datasheet
215Kb / 4P
   This instruction sheet provides application and maintenance procedures for Hand Tool
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Tyco Electronics
408-9785 MACOM-408-9785 Datasheet
260Kb / 6P
   This instruction sheet provides instruction on product application and maintenance and inspection
408-9451 MACOM-408-9451 Datasheet
86Kb / 2P
   This instruction sheet covers the use of Extraction
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com