Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-4342 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 408-4342
Description  Reason for revision can be found in Section 11, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4342 Datasheet(HTML) 1 Page - Tyco Electronics

  408-4342 Datasheet HTML 1Page - Tyco Electronics 408-4342 Datasheet HTML 2Page - Tyco Electronics 408-4342 Datasheet HTML 3Page - Tyco Electronics 408-4342 Datasheet HTML 4Page - Tyco Electronics 408-4342 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
PRO-CRIMPER* III Hand Crimping
Tool Assembly 58603-1 with
408-4342
LOC B
1 of 5
E2009 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
21 MAY 09 Rev A
Die Assembly 58603-2
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended-use, production operations is available.
The PRO-CRIMPER III Hand Crimping Tool is a Commercial" grade tool
and is designed primarily for field installation, repair, maintenance work, or
prototyping in industrial, commercial, or institutional applications. Product
crimped with this tool will meet the crimp height requirement for hand tools in the
appropriate 114 application specification, but may not comply with other feature
parameters of the specification. Tyco Electronics offers a variety of tools to
satisfy your performance requirements. For additional information, contact the
Tooling Assistance Center at 1-800-722-1111.
Locator Assembly
(Supplied with
Die Assembly)
Front of Tool
(Locator Side)
Die Assembly
Moving Jaw
Ratchet Adjustment Wheel
Moving Handle
Stationary Handle
PRO-CRIMPER III Hand
Crimping Tool Frame
354940-1 (408-9930)
Pivot Pin
Back of Tool
(Wire Side)
Stationary Jaw
Tool Marking (1)
Wire
TE Die Assembly
TE Locator Assembly{ Contact FamilY}
Size (mm2)
(Color)
Insul Dia
(mm [in.])
Strip Length
(mm [in.])
2.5
(Yellow)
58603 2
58516 1
Junior Power
Timer and
1.5
(Blue)
1.4-2.1
3.1-3.9
58603-2
58516-1
Timer and
2.8mm Tab
1.0
(Red)
[.055-.083]
[.122-.154]
0.75
(Green)
{ Supplied with die assembly, also available separately.
} Contact the Tooling Assistance Center or the Product Information Center at the numbers listed below for specific contact part numbers.
Figure 1
1. INTRODUCTION
PRO–CRIMPER III Hand Crimping Tool Assembly
58603–1 consists of Die Assembly 58603–2 and
PRO–CRIMPER III Hand Tool Frame 354940–1. The
die assembly consists of crimping dies and a locator
assembly.
Read these instructions thoroughly before crimping
any contacts.
Dimensions on this sheet are in millimeters [with
inch equivalents provided in brackets]. Figures
and illustrations are for identification only and are
not drawn to scale.
Reason for revision can be found in Section 11,
REVISION SUMMARY.
NOTE
i


Similar Part No. - 408-4342

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4343 MACOM-408-4343 Datasheet
246Kb / 5P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4344 MACOM-408-4344 Datasheet
239Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4345 TEC-408-4345 Datasheet
380Kb / 5P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-4346 MACOM-408-4346 Datasheet
244Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-4347 MACOM-408-4347 Datasheet
131Kb / 5P
   The die assembly features a wire anvil, an insulation anvil, a wire crimper, and an insulation crimper
More results

Similar Description - 408-4342

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4346 MACOM-408-4346 Datasheet
244Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-4344 MACOM-408-4344 Datasheet
239Kb / 5P
   Reasons for revision can be found in Section 11, REVISION SUMMARY.
408-4291 MACOM-408-4291 Datasheet
170Kb / 3P
   Reasons for revision can be found in Section 9, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-6795 TEC-408-6795 Datasheet
76Kb / 4P
   Reason for revision is given in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-1826 MACOM-408-1826 Datasheet
186Kb / 4P
   Reasons for reissue are given in Section 7, REVISION SUMMARY.
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com