Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8401 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8401
Description  TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8401 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8401 Datasheet HTML 1Page - Toshiba Semiconductor TPC8401 Datasheet HTML 2Page - Toshiba Semiconductor TPC8401 Datasheet HTML 3Page - Toshiba Semiconductor TPC8401 Datasheet HTML 4Page - Toshiba Semiconductor TPC8401 Datasheet HTML 5Page - Toshiba Semiconductor TPC8401 Datasheet HTML 6Page - Toshiba Semiconductor TPC8401 Datasheet HTML 7Page - Toshiba Semiconductor TPC8401 Datasheet HTML 8Page - Toshiba Semiconductor TPC8401 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPC8401
2002-05-17
4
N-ch
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut−OFF current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
Drain−source breakdown
voltage
V (BR) DSX
ID = 10 mA, VGS = −20 V
15
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
2.5
V
RDS (ON)
VGS = 4 V, ID = 3 A
21
32
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 3 A
14
21
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
4
8
S
Input capacitance
Ciss
1700
Reverse transfer capacitance
Crss
260
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
380
pF
Rise time
tr
10
Turn−ON time
ton
20
Fall time
tf
35
Switching time
Turn−OFF time
toff
120
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
40
Gate−source charge 1
Qgs1
28
Gate−drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 6 A
12
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse
current
Pulse (Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
−1.2
V


Similar Part No. - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8402 TOSHIBA-TPC8402 Datasheet
719Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
   Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
   Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
   Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
   Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results

Similar Description - TPC8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com