Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018874 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018874
Description  Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018874 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018874 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018874 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Packaging Specification
PK-70873-7703
Product Specification
PS-76060-999-001
Sales Drawing
SD-76145-001
Symbol/Footprint Data
SYM-76145-1636
Backplane Insertion
Tool for Signal
Contact
0621005800
Backplane Header
Removal Tool for
GbX® U-Series, GbX
I-Trac™, Impact™,
or Z-PACK Tinman*
0621009610
Impact™ Backplane
Press-In Tool
0622018874
This document was generated on 11/16/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018874

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018874 MOLEX11-0622018874 Datasheet
29Kb / 1P
   Impact Backplane Press-In Tool
0622018874 MOLEX11-0622018874 Datasheet
46Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Right Endwall
0622018874 MOLEX11-0622018874 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Left Endwall
0622018874 MOLEX11-0622018874 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Right Guided, Left Endwall
0622018874 MOLEX11-0622018874 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall,
More results

Similar Description - 0622018874

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761451635 MOLEX1-0761451635_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451638 MOLEX1-0761451638_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451634 MOLEX11-0761451634 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451137 MOLEX1-0761451137_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451133 MOLEX11-0761451133 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451134 MOLEX11-0761451134 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451135 MOLEX11-0761451135 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451133 MOLEX1-0761451133_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451138 MOLEX1-0761451138_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
0761451737 MOLEX11-0761451737 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Right Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com