Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC346 Datasheet(PDF) 6 Page - Micross Components

Part # HMC346
Description  32 dB Attenuation Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC346 Datasheet(HTML) 6 Page - Micross Components

  HMC346 Datasheet HTML 1Page - Micross Components HMC346 Datasheet HTML 2Page - Micross Components HMC346 Datasheet HTML 3Page - Micross Components HMC346 Datasheet HTML 4Page - Micross Components HMC346 Datasheet HTML 5Page - Micross Components HMC346 Datasheet HTML 6Page - Micross Components HMC346 Datasheet HTML 7Page - Micross Components HMC346 Datasheet HTML 8Page - Micross Components HMC346 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1
1 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
*Two-tone input power = -8 dBm each tone, 1 MHz spacing.
Input 0.25 dB
Compression vs. Attenuation
Input 1 dB Compression vs. Attenuation
Second Harmonic vs. Attenuation*
Input IP3 vs. Attenuation*
Input IP2 vs. Attenuation*
Absolute Maximum Ratings
RF Input Power
+18 dBm
Control Voltage Range
+1 to -5 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
0
5
10
15
20
25
30
0
5
10
15
20
0 dB
3 dB
6 dB
10 dB
FREQUENCY (GHz)
10
20
30
40
50
60
70
0
5
10
15
20
0 dB
3 dB
6 dB
10 dB
FREQUENCY (GHz)
-10
-5
0
5
10
15
0
5
10
15
20
0 dB (REF)
6 dB
FREQUENCY (GHz)
-5
0
5
10
15
20
0
5
10
15
20
0 dB (REF)
6 dB
FREQUENCY (GHz)
20
30
40
50
60
70
80
0
5
10
15
20
0 dB
3 dB
6 dB
10 dB
FREQUENCY (GHz)
HMC346
v04.1008
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 20 GHz


Similar Part No. - HMC346

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346 Datasheet
281Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346 Datasheet
265Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results

Similar Description - HMC346

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
   4 Bit Digital Attenuator Attenuation Range: 45 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5010 APITECH-TAD5010 Datasheet
586Kb / 1P
   7 Bit Digital Attenuator Attenuation Range: 63.5 dB
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009260 MA-COM-MAAD-009260 Datasheet
744Kb / 7P
   Minimal Phase Variation over Attenuation Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com