Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC142 Datasheet(PDF) 4 Page - Micross Components

Part # HMC142
Description  Microwave & MM W Radios
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC142 Datasheet(HTML) 4 Page - Micross Components

  HMC142 Datasheet HTML 1Page - Micross Components HMC142 Datasheet HTML 2Page - Micross Components HMC142 Datasheet HTML 3Page - Micross Components HMC142 Datasheet HTML 4Page - Micross Components HMC142 Datasheet HTML 5Page - Micross Components HMC142 Datasheet HTML 6Page - Micross Components HMC142 Datasheet HTML 7Page - Micross Components HMC142 Datasheet HTML 8Page - Micross Components HMC142 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
3 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Parameter
iF = 100 mHz
LO = 20 dBm
Units
min.
Typ.
max.
min.
Typ.
max.
Frequency range, rF & LO
6 - 16
16 - 18
GHz
Frequency range, iF
DC - 6
DC - 6
GHz
Conversion Loss
9
11
10
12
dB
Noise Figure (ssB)
9
11
10
12
dB
LO to rF isolation
33
28
dB
LO to iF isolation
20
30
13
20
dB
iP3 (input)
22
22
dBm
iP2 (input)
40
42
dBm
1 dB Compression (input)
15
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, iF= 100 mHz.
GaAs MMIC Double-bAlAnCeD
MIxer, 6 - 18 GHz
v04.1111
General Description
Features
Functional Diagram
input iP3: +21 dBm
LO / rF isolation: 25 to 40 dB
iF Bandwidth: DC to 6 GHz
small size: 1.52 x 1.52 x 0.1 mm (HmC141)
small size: 1.52 x 1.52 x 0.1 mm (HmC142)
electrical Specifications, T
A = +25° C, lo Drive = +20 dbm
Typical Applications
The HmC141 & HmC142 is ideal for:
• UNii & HiperLAN
• microwave & mmW radios
• military, space & Test equipment
The HmC141 chip is a minature double-balanced
mixer which can be used as an upconverter or down-
converter. The HmC142 is identical to the HmC141
except that the layout is a mirror image designed to
ease integration into image-reject mixer modules.
Broadband operation and excellent isolations are pro-
vided by on-chip baluns, which require no external
components and no DC bias. The design is similar
to the HmC143/144 mixers but without an iF com-
biner, providing a broad DC to 6 GHz iF bandwidth.
These devices are much smaller and more reliable
than hybrid diode mixers for VsAT and point-to-point
radios.
HMC141 / HMC142


Similar Part No. - HMC142

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
263Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
More results

Similar Description - HMC142

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
   Microwave Radios
logo
Micross Components
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
   Microwave & VSAT Radios
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
   High Linearity Microwave Radios
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
logo
Micross Components
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com