Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-21048-0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-21048-0
Description  Pneumatic TETRA-CRIMP Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-21048-0 Datasheet(HTML) 2 Page - Tyco Electronics

  1-21048-0 Datasheet HTML 1Page - Tyco Electronics 1-21048-0 Datasheet HTML 2Page - Tyco Electronics 1-21048-0 Datasheet HTML 3Page - Tyco Electronics 1-21048-0 Datasheet HTML 4Page - Tyco Electronics 1-21048-0 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 4099
Pneumatic TETRA- CRIMP Adapter 679305- 1
Rev E
2
of 5
Tyco Electronics Corporation
2. DESCRIPTION (Figure 1)
The adapter is designed with two crimping jaws and a
spring--loaded stop. When closed, the jaws form three
crimping chambers, each labeled by color on the jaw
of the adapter. The color indicates the wire size and
must match the insulation color of the terminal or
splice: yellow (12--10), blue (16--14), red (22--16),
black (16--14 heavy duty), and green (20--18 heavy
duty).
The stop aids in positioning the terminal or splice
between the jaws. After the operator locates the
terminal or splice and inserts the stripped wire, the
tool is activated to complete the crimp. The crimped
terminal or splice will display a crimp dot code which
indicates that the correct crimping chamber was used.
3. ADAPTER INSTALLATION AND REMOVAL
The adapter is coated with a preservative to
prevent rust and corrosion. Wipe the preservative
from the adapter, particularly from the crimping
area, before installation.
Before installing or removing the adapter,
DISCONNECT THE TOOL FROM THE AIR
SUPPLY. After installation, ALWAYS ensure that
the tool holder assembly quick pins are fully
tightened to avoid personal injury or damage to
the tool.
1. Remove quick pins from the tool holder.
2. Insert adapter into the tool holder as shown in
Figure 1.
3. After adapter is properly aligned, insert and
tighten the quick pins.
Tyco Electronics recommends using LOCTITE{
242 removable threadlock, or equivalent, to
prevent the quick pins from loosening.
4. Connect tool to an adequate air supply. For
specific information on air line requirements and air
hose installation, refer to the instructions packaged
with the pneumatic tooling assembly.
For removal, remove quick pins from tool holder
assembly; then remove adapter from tool holder
assembly.
4. CRIMPING PROCEDURE (Figure 3)
Strip the wire to the appropriate length according to
the dimensions shown in Figure 2. Then proceed as
follows:
Do NOT operate tool without adapter installed.
To avoid personal injury or damage to the tool,
always keep fingers clear of crimping jaws, and
frequently check to ensure that the quick pins are
fully tightened.
1. Open the crimping jaws by squeezing the rollers
together.
2. Center the wire barrel of terminal or splice in the
appropriate crimping chamber on the jaw with the
stop.
a. If crimping a terminal, make sure the flat side
of the terminal faces away from the stop. See
Figure 3, Detail A.
b. If crimping a splice, seat the splice window
indent on the stop. See Figure 3, Detail B.
Figure 3
Detail A
Detail B
Flat Side of
Terminal
Stop
Assembly
Stop
Assembly
Splice
Window
Indent
Wire Barrel of Terminal
TETRA--CRIMP
Adapter 679305--1
Stop
Crimping
Chamber
Wire Strip
Length (Typ)
{
Trademark of Loctite Corporation
NOTE
i
DANGER
NOTE
i
CAUTION
!
DANGER


Similar Part No. - 1-21048-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-21048-0 MACOM-1-21048-0 Datasheet
137Kb / 5P
   Pnuematic Platform Adapters
1-21048-0 MACOM-1-21048-0 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
logo
TE Connectivity Ltd
1-21048-0 TEC-1-21048-0 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
1-21048-0 TEC-1-21048-0 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
More results

Similar Description - 1-21048-0

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638018901 MOLEX11-0638018901 Datasheet
31Kb / 1P
   Crimp Adapter For DIN style dies In Molex 63801-8900 Pneumatic Crimp Machine
logo
EPCOS
B5048 EPCOS-B5048 Datasheet
93Kb / 8P
   TETRA
logo
Molex Electronics Ltd.
0638018902 MOLEX11-0638018902 Datasheet
32Kb / 1P
   Crimp Adapter for 35mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
0638018903 MOLEX11-0638018903 Datasheet
31Kb / 1P
   Crimp Adapter for 22mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
logo
Molex Electronics Ltd.
0638018900 MOLEX-0638018900 Datasheet
35Kb / 1P
   Pneumatic Universal Crimp Machine
12/14/2021
logo
EPCOS
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
   HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
logo
Tyco Electronics
408-4303 MACOM-408-4303 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com