Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC130 Datasheet(PDF) 6 Page - Micross Components

Part # HMC130
Description  Die handling consultancy
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC130 Datasheet(HTML) 6 Page - Micross Components

  HMC130 Datasheet HTML 1Page - Micross Components HMC130 Datasheet HTML 2Page - Micross Components HMC130 Datasheet HTML 3Page - Micross Components HMC130 Datasheet HTML 4Page - Micross Components HMC130 Datasheet HTML 5Page - Micross Components HMC130 Datasheet HTML 6Page - Micross Components HMC130 Datasheet HTML 7Page - Micross Components HMC130 Datasheet HTML 8Page - Micross Components HMC130 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4
4 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
Input IP3 vs.
Temperature @ LO = +15 dBm
Input P1dB vs.
Temperature @ LO = +15 dBm
Input IP2 vs.
Temperature @ LO = +15 dBm
Harmonics of LO
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
9.0
45
56
46
79
10.5
42
56
56
62
12.0
36
54
43
60
13.5
35
69
38
57
15.0
35
58
44
?
16.5
32
49
40
?
LO = +13 dBm
All values in dBc below input LO level measured at RF port
40
45
50
55
60
65
70
75
80
56789
10
11
12
13
+25 C
+85 C
-55 C
FREQUENCY (GHz)
8
9
10
11
12
13
6
7
8
9
101112
13
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
15
20
25
30
4
5
6
7
8
9
10
11
12
13
+25 C
+85 C
-55 C
FREQUENCY (GHz)
40
45
50
55
60
65
70
75
80
56789
10
11
12
13
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
10
15
20
25
30
56789
10
11
12
13
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
HMC130
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 11 GHz


Similar Part No. - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results

Similar Description - HMC130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
   Handling Manual
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
National Semiconductor ...
AN-2029 NSC-AN-2029 Datasheet
189Kb / 6P
   Handling & Process Recommendations
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
   High power handling
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
   High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
   High Power Handling
logo
Ohmite Mfg. Co.
RES-IS OHMITE-RES-IS Datasheet
398Kb / 2P
   Pulse handling capability
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
   High Power Handling
logo
Powertip Technology
PC1602LRS-LWA-B POWERTIP-PC1602LRS-LWA-B Datasheet
564Kb / 20P
   PRECAUTION RELATING PRODUCT HANDLING
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com