Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SME1900-17-PCB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SME1900-17-PCB
Description  Broadband Surface Mount Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SME1900-17-PCB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SME1900-17-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2002 Rev. 1.0
SME1900-17
Performance Charts
26
27
28
29
30
31
32
33
1600
1700
1800
1900
2000
2100
Frequency (MHz)
26
27
28
29
30
31
32
33
1600
1700
1800
1900
2000
2100
Frequency (MHz)
IIP3 vs. Frequency
IIP3 vs. Frequency
2.5
2.3
2.1
1.9
1.7
1.5
1.3
0
60
120
180
240
300
360
420
480
540
Frequency (MHz)
2.6
2.2
1.8
1.4
1.0
1500
1700
1900
2100
2300
2500
Frequency (MHz)
IF VSWR vs. Frequency
VSWR vs. Frequency
RF
LO
LO = 1600 MHz
LO = 2000 MHz
22
24
26
28
30
32
34
36
38
40
1400
1600
1800
2000
2200
2400
Frequency (MHz)
Isolation vs. Frequency
L-R
L-I
R-I
8.0
7.5
7.0
6.5
6.0
-40
-20
0
20
40
60
80
Temperature (
°C)
7.6
7.4
7.2
7.0
6.8
6.6
1600
1800
2000
2200
2400
Frequency (MHz)
8.2
7.8
7.4
7.0
6.6
4
6
8
1012
1416
RF Power (dBm)
Conversion Loss vs. RF Frequency
Conversion Loss vs. RF Power
7.2
7.1
7.0
6.9
6.8
6.7
6.6
15
16
17
18
19
LO Power (dBm)
Conversion Loss vs. LO Power
Conversion Loss vs. Temperature
RF = 1910 MHz
LO = 1670 MHz
RF = 1850 MHz
LO = 1610 MHz
LO = +16 dBm
LO = +18 dBm
LO = +17 dBm
LO = +19 dBm
LO = +17 dBm
LO = +15 dBm
IF = 10 MHz
IF = 100 MHz
IF = 250 MHz


Similar Part No. - SME1900-17-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SME1400B-10 ETC-SME1400B-10 Datasheet
57Kb / 4P
   Low Cost Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
logo
List of Unclassifed Man...
SME1400B-10-PCB ETC-SME1400B-10-PCB Datasheet
57Kb / 4P
   Low Cost Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10-PCB WJCI-SME1400B-10-PCB Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
SME1400B-10F WJCI-SME1400B-10F Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results

Similar Description - SME1900-17-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com