Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

306209-4 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 306209-4
Description  Remove protective dust caps from both quick connect/disconnect couplers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

306209-4 Datasheet(HTML) 5 Page - Tyco Electronics

  306209-4 Datasheet HTML 1Page - Tyco Electronics 306209-4 Datasheet HTML 2Page - Tyco Electronics 306209-4 Datasheet HTML 3Page - Tyco Electronics 306209-4 Datasheet HTML 4Page - Tyco Electronics 306209-4 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408-2453
DYNA-CRIMP Hydraulic CrimpingHead 69066
5 of 5
Rev B
Tyco Electronics Corporation
Figure 5 (end)
D
The head and yoke must be ordered and replaced as a machine fit assembly, (part number 307002-1). All other parts of the crimping head,
including items 12a through 12e, may be ordered and replaced separately.
ITEM
NUMBER
PART NUMBER
DESCRIPTION
QUANTITY
PER
HEAD
1
4-21012-0
Screw, Socket Set Self-locking (Flat Point) 8-32 UNC x .250 in. Lg.
1
2
46000
Cylinder
1
4
Coupler, Quick-disconnect, Cylinder Half
1
5
314952-1
Piston (Ram)
1
6
3-21053-4
O-Ring, 2.625 in. O.D. x 2.250 in. I.D. x .188 in. Width
1
7
2-21107-8
Ring, Back-up
1
8
300680
Spring, Ram Return
1
9
4-21012-0
1
11
21059-5
Screw, Socket Set (Half Dog Point) 8-32 UNC x .500 in. Lg.
1
12
307002-1
Cylinder Head And Yoke Assembly (Contains following hardware parts)D
1
12a
306209-4
Pin, Latch
1
12b
303598
Pin, Retaining
1
12c
21045-9
Ring, Retaining
2
12d
4-21012-0
Screw, Socket Set Self-locking 8-32 UNC-3A x .250 in. Lg.
1
12e
5-21008-2
Screw, Socket Set (Cup Point) Self-locking 4-40 UNC x .375 in. Lg.
1
10
4-21010-1
Screw, Socket Set (Cone Point) 8-32 UNC x .313 in. Lg.
Screw, Socket Set (Flat Point) 8-32 UNC x .313 in. Lg.
1
311471-1
13
311833-2
Bushing
1


Similar Part No. - 306209-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
306209-4 MACOM-306209-4 Datasheet
132Kb / 4P
   Hydraulic Crimping
More results

Similar Description - 306209-4

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
29-104 GRAYHILL-29-104 Datasheet
75Kb / 1P
   Quick Connect/Disconnect
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
196Kb / 1P
   Vinyl Dust Caps
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
   Pin and Socket Dust Caps
logo
Microsemi Corporation
KP448 MICROSEMI-KP448 Datasheet
106Kb / 2P
   QUICK CONNECT RECTIFIER
logo
Advanced Technical Mate...
OD-28HQ ATM-OD-28HQ Datasheet
129Kb / 1P
   WR28 QUICK CONNECT
logo
Glenair, Inc.
880-042R GLENAIR-880-042R Datasheet
464Kb / 2P
   Quick Disconnect
880-041R GLENAIR-880-041R Datasheet
463Kb / 2P
   Quick Disconnect
logo
TRIAD MAGNETICS
VPS12-2000 TRIAD-VPS12-2000 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-14000 TRIAD-VPS12-14000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS10-2500 TRIAD-VPS10-2500_13 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com