Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-59573-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-59573-5
Description  Remove assembly pins from mounting lugs as shown in Figure 1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-59573-5 Datasheet(HTML) 2 Page - Tyco Electronics

  1-59573-5 Datasheet HTML 1Page - Tyco Electronics 1-59573-5 Datasheet HTML 2Page - Tyco Electronics 1-59573-5 Datasheet HTML 3Page - Tyco Electronics 1-59573-5 Datasheet HTML 4Page - Tyco Electronics 1-59573-5 Datasheet HTML 5Page - Tyco Electronics 1-59573-5 Datasheet HTML 6Page - Tyco Electronics 1-59573-5 Datasheet HTML 7Page - Tyco Electronics 1-59573-5 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
408-2433
Insulation Piercing COPALUM Terminal and Splice Crimping Heads
Rev A
2 of 8
Tyco Electronics Corporation
Conductors must always be within CMA limits of
wire barrel.
A. Condition 1
See Figure 2, Detail A
Maximum CMA fill for copper conductor should not
exceed 40% of total CMA. For example, six No. 14
solid aluminum 12.14 mm2 [24,000] Cir Mil plus one
No. 8 stranded copper 8.10 mm2 [16,000] Cir Mil
equals 40,000 Cir Mil. The one No. 8 stranded copper
conductor is approximately 40% of total CMA
20.24 mm2 [40,000] Cir Mil being crimped.
Figure 2
Wire Barrel
AB
C
DE
Six No. 14 Sol.
Aluminum: 12.14
mm2 [24,000] Cir Mil
One No. 8 Str. Copper:
8.10 mm2 [16,000] Cir
Mil (Not to Exceed 40%
of Total CMA)
Round Copper
or Aluminum
(10 Equal Size)
Square Copper
or Aluminum
(6 Equal Size)
T
W
T
W
T  1/4 W
T  1/4 W
10.52 mm2 [20,800] Cir Mil
Area - Circular Mils
Terminal and
Splice Sizes
6.07 mm2 [12,000]
Cir Mils = 59% Load
ing of 10.52 mm2
[20,800] Cir Mils
B. Condition 2
See Figure 2, Detail B
A maximum of ten equal size round conductors may
be crimped without removing film insulation.
C. Condition 3
See Figure 2, Detail C
A maximum of six equal size square conductors may
be crimped without removing film insulation.
D. Condition 4
See Figure 2, Detail D
Four identical rectangular conductors, where one
conductor thickness is equal to or greater than 1/4 the
width of one conductor, may be crimped without
removing film insulation.
E. Condition 5
See Figure 2, Detail E
Two identical rectangular conductors, where
thickness of one conductor is equal to or less than 1/4
of the width of one conductor, may be crimped
without removing film insulation.
F. Condition 6
See Figure 2, Detail F
In some instances, it may not be possible to fit a
particular CMA loading into the normally
recommended terminal or splice. In these cases,
where seven or more equal round, or a combination
of solid aluminum and stranded copper conductors
are used, and the total CMA is at least 50% of
maximum CMA of the next larger size terminal or
splice, the larger size may be used. Example: three
No. 14 solid conductors equal about 6.07 mm2
[12,000] Cir Mils. This falls within the CMA range of a
12–10 terminal or splice accepting a maximum CMA
of 6.63 mm2 [13,100] circular mils. However, it may
not be possible to insert all three conductors into the
recommended terminal or splice. It is possible to
insert all three conductors into a No. 8 size terminal or
splice accepting a CMA range of 6.63–10.52 mm2
[13,100–20,800] circular mils. The 6.07 mm2 [12,000]
circular mils amounts to 59% loading of the maximum
CMA for No. 8 size terminal or splices. Therefore, No.
8 size terminals or splices may be used.
G. Condition 7
When using a variety of solid conductor sizes, none of
the conductors should vary more than one (1) wire
gage. (Ideally not more than 1/2 wire gage.)
2.4. Wire Preparation
Do not use stranded aluminum wire.
1. Select the proper terminal or splice wire size
and crimping head combination for the wire size
being used. See Figure 3.
2. Determine correct terminal or splice wire loading
by referring to Paragraph 2.3, and CMA range
listed in Figure 3.
3. Strip stranded copper wire to dimension
indicated in Figure 3.
NOTE
i
NOTE
i


Similar Part No. - 1-59573-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-59577-5 TEC-1-59577-5 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 1-59573-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-9-1440002-6 TEC-C-9-1440002-6 Datasheet
112Kb / 2P
   REMOVE CONTACT FIGURE
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
   Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
List of Unclassifed Man...
NS9210B-0-I75 ETC2-NS9210B-0-I75 Datasheet
1Mb / 68P
   Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
1SNK506150R0000 ETC2-1SNK506150R0000 Datasheet
96Kb / 5P
   Secured snap on or remove from the rail
logo
FIBOX Enclosing innovat...
8120830 FIBOX-8120830 Datasheet
59Kb / 2P
   Wall mounting lugs set
11.01.2023
logo
List of Unclassifed Man...
HE1020 ETC2-HE1020 Datasheet
41Kb / 1P
   Mounting screws are supplied in lengths shown unless otherwise specified.
logo
Shoulder Electronics Li...
HDF315MS3 SHOULDER-HDF315MS3 Datasheet
220Kb / 7P
   Typical test circuit is shown as below
logo
FIBOX Enclosing innovat...
8120832 FIBOX-8120832 Datasheet
60Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
8120833 FIBOX-8120833 Datasheet
62Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
   Dimensions shown in millimeters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com