Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-21107-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-21107-8
Description  Remove protective dust caps from both quick connect/disconnect couplers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-21107-8 Datasheet(HTML) 3 Page - Tyco Electronics

  2-21107-8 Datasheet HTML 1Page - Tyco Electronics 2-21107-8 Datasheet HTML 2Page - Tyco Electronics 2-21107-8 Datasheet HTML 3Page - Tyco Electronics 2-21107-8 Datasheet HTML 4Page - Tyco Electronics 2-21107-8 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408-2453
DYNA-CRIMP Hydraulic Crimping Head 69066
3 of 5
Rev B
Tyco Electronics Corporation
6. INSPECTION/MAINTENANCE
Make sure hydraulic pressure is released and
power supply is disconnected before following
inspection and maintenance procedures, unless
otherwise specified in the procedure.
Each crimping head is assembled and inspected
before shipment. Tyco Electronics recommends that
the crimping head be inspected immediately upon its
arrival at your facility, and at regularly scheduled
intervals, to ensure that the crimping head has not
been damaged during handling. Frequency of
inspection depends upon the following: care, amount
of use, and handling of the head; type and size of
products crimped; degree of operator skill; and
environmental conditions.
6.1. Cleaning
Remove accumulations of dirt and grease on the
crimping head, especially in areas where dies are
installed and terminals are crimped. Clean the entire
head frequently with a clean, lint–free cloth.
6.2. Visual Inspection
Refer to Figure 4 and proceed as follows:
Figure 4
Check These
Areas for Cracks
Check Die Areas
for Cracks
Check for Excessive
Wear at Pivot Pin
and Latch Pin
1. With hydraulic pressure released, inspect the
assembled head for nicks, scratches, and cracks.
Inspect for cracks especially at the corners of the
yoke and around the top of the cylinder.
2. Inspect pivot pin holes and latch pin holes for
wear. Replace parts, as needed.
3. Activate power unit. Raise ram to UP position.
Inspect flat and round surfaces of ram for galling
(fretting or wear by friction), cracks, or oil leakage.
Release pressure and make sure that ram retracts
smoothly.
4. If head shows evidence of galling, cracks, oil
leakage, or rough cycling, return the crimping head
to Tyco Electronics for repairs. (Refer to Section 7,
REPLACEMENT AND REPAIR).
6.3. Crimping Head Check-Out Procedure
If the ram fails to return to the DOWN position after
completion of a crimping cycle, the cause may be in
the crimping head. To determine whether or not the
trouble is in the crimping head, release pressure in
the power unit. If the ram retracts, the trouble is not in
the crimping head. If ram does NOT retract, refer to
Paragraph 6.4.
6.4. Crimping Head Disassembly Procedure (Figure 5)
Numbers in parentheses refer to Item Numbers in
Figure 5.
1. If the head is attached to Hydraulic Power Unit
No. 69120–[ ], release the pressure by pressing
the pressure release button on the electrical
control box. Hold it for several seconds. Proceed to
Step 3 below.
2. If the head is attached to Hydraulic Foot Pump
No. 314979–1, release the pressure in the head by
pressing the return pedal on the foot pump.
3. Unscrew the collar of the coupler on the head.
4. Remove the crimping head and place it in a
vise. Use a suitable material to protect the finish on
the head.
5. Remove the set screw (9) that secures the head
assembly to the cylinder.
6. Remove the guide lock screw (10) and loosen
the guide set screw (11) enough to permit the head
to be turned counterclockwise without turning the
ram.
7. Turn the head sub–assembly counterclockwise
to remove it from the threaded cylinder.
8. Remove the ram (5), bushing (13), and ram
return spring (8).
9. Inspect for deteriorated or torn ram O–ring (6) or
back–up ring (7). Replace with new parts if
damaged.
10. Apply a thin film of hydraulic fluid (same type
used in power unit reservoir) on the surface of the
O–ring and back–up ring installed on the ram.
11. Install the ram (5), bushing (13), and ram
return spring (8) in the cylinder.
12. Install the head sub–assembly on the threaded
cylinder but do not tighten.
DANGER


Similar Part No. - 2-21107-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-2110104-1 TEC-2-2110104-1 Datasheet
480Kb / 1P
   IMPACT, 5 PAIR, DAUGHTERCARD 10 COLUMN, LEFT GUIDED, SIGNAL MODULE, 0.39 EYELET
2-2110105-1 TEC-2-2110105-1 Datasheet
445Kb / 1P
   IMPACT, 5 PAIR, DAUGHTERCARD 10 COLUMN, RIGHT GUIDED, SIGNAL MODULE, 0.39 EYELET
2-2110122-1 TEC-2-2110122-1 Datasheet
586Kb / 1P
   IMPACT, 5 PAIR, DAUGHTERCARD 16 COLUMN, LEFT GUIDED, SIGNAL
2-2110123-1 TEC-2-2110123-1 Datasheet
563Kb / 1P
   IMPACT, 5 PAIR, DAUGHTERCARD 16 COLUMN, RIGHT GUIDED, SIGNAL MODULE, 0.39 EYELET
2-2110320-0 TEC-2-2110320-0 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-21107-8

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
29-104 GRAYHILL-29-104 Datasheet
75Kb / 1P
   Quick Connect/Disconnect
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
196Kb / 1P
   Vinyl Dust Caps
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
   Pin and Socket Dust Caps
logo
Microsemi Corporation
KP448 MICROSEMI-KP448 Datasheet
106Kb / 2P
   QUICK CONNECT RECTIFIER
logo
Advanced Technical Mate...
OD-28HQ ATM-OD-28HQ Datasheet
129Kb / 1P
   WR28 QUICK CONNECT
logo
Glenair, Inc.
880-042R GLENAIR-880-042R Datasheet
464Kb / 2P
   Quick Disconnect
880-041R GLENAIR-880-041R Datasheet
463Kb / 2P
   Quick Disconnect
logo
TRIAD MAGNETICS
VPS12-2000 TRIAD-VPS12-2000 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-14000 TRIAD-VPS12-14000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS10-2500 TRIAD-VPS10-2500_13 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com