Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-0653861-0 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 4-0653861-0
Description  DIE SET IPT-VW WIRE CRIMP 25 SQMM
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
CRIMP DATA (TE TERMINAL)
TERMINAL NAME
CRIMP
WIRE
INSUL
SIZE
TYPE
RANGE
COROPLAST
25 mm²
WIRE STRIP
LENGHT
APPLICATOR
INSTRUCTION
10.5 ±0.5
TERMINAL APPL SPEC
PRODUCT SPECIFICATION
FEED
TERMINALS APPLIED
SEALS
WIRE SIZE (mm² AWG)
CRIMP HEIGHT
REF SETTING
REMARK:
TYPE:
TERMINATOR:
2177380-1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
25 mm²
4.35 ±0.1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Applicator only used in combination with COROPLAST (LV216-2)
Application Spec. VW TAB 016.358.AC
Applicator for LP-Terminals
HV CRIMPING MACHINE 528008-4
RING TONGUE. 25 SQ MM / M8 - INTERCABLE
R. GERMANN
09MAR12
07MAY13
PRINTED
DWN
CHK
APVD
WEIGHT
DIMENSION (mm)
MATERIAL
HT TR
-
-
-
-
-
-
P LTR REVISION RECORD
DATE
DWN APVD
-
B
SEE SHEET 1
-
-
-
-
C
SEE SHEET 1
-
-
-
-
C1
SEE SHEET 1
-
-
-
-
D
SEE SHEET 1
-
-
-
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS
CORPORATION. IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING
ORGANIZATION SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH TYCO ELECTRONICS
CORPORATION KONTROLLIERT. ÄNDERUNGEN DIE DEM TECHNISCHEN
FORTSCHRITT DIENEN, SIND VORBEHALTEN. DEN JEWEILS LETZTGÜLTIGEN
ÄNDERUNGSSTAND ERFAHREN SIE AUF ANFRAGE
1 / 2
DIE SET IPT-VW WIRE CRIMP 25 SQMM
C-528041-3
SPARE AND WEAR PARTS LIST
D
tyco Electronics AMP GmbH
D-64625 Bensheim
NAME
SCALE
SIZE
A4
DRAWING NO
SHEET
REV
TOLERANCES
UNLESS
OTHERWISE
SPECIFIED
SEE SHEET 1
SEE SHEET 1
RESTRICTED TO
3




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl