Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310424-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 310424-1
Description  Pistol Grip Pneumatic Handle Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

310424-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  310424-1 Datasheet HTML 1Page - TE Connectivity Ltd 310424-1 Datasheet HTML 2Page - TE Connectivity Ltd 310424-1 Datasheet HTML 3Page - TE Connectivity Ltd 310424-1 Datasheet HTML 4Page - TE Connectivity Ltd 310424-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
To Machine
Lubricator
Regulator
Filter and Moisture
Separator
Airflow
408-6789
4 of 5
Rev E
Figure 4
6. OPERATION
The following procedure provides only general
information concerning crimping. Refer to the
instructions packaged with the terminating heads for
detailed information including wire stripping
dimensions and instructions for positioning terminals
in the terminating heads.
1. Insert the connector into the left side of the head.
2. Align the contact to be terminated with the wire
inserter of the head. Make sure that the locating
pawl rests between the connector index ribs.
3. Insert an unstripped wire into the funnel area
between the contact and the wire inserter until it
bottoms on the tool base.
4. Depress the trigger of the handle assembly and
hold it until the wire inserter bottoms.
5. Release the trigger. The wire inserter will retract
and the feed slide will automatically advance the
connector to the next contact position.
6. Repeat steps 2 through 5 until all contacts have
been terminated.
7. Inspect each termination.
7. MAINTENANCE AND INSPECTION
DANGER
STOP
To avoid personal injury, ALWAYS disconnect the
handle assembly from the air supply when
performing maintenance or inspection procedures.
It is recommended that a maintenance and inspection
program be performed periodically to ensure
dependable and uniform terminations. Though
recommendations call for at least one inspection a
month, frequency of inspection depends on:
1. The care, amount of use, and handling of the
handle assembly.
2. The presence of abnormal amounts of dust and
dirt.
3. The degree of operator skill.
4. Your own established standards.
The handle assembly is inspected before being
shipped; however, it is recommended that the handle
assembly be inspected immediately upon arrival to
ensure that the handle assembly has not been
damaged during shipment.
7.1. Daily Maintenance
Each operator should be aware of, and responsible
for, the following:
1. Remove dust, moisture, and other contaminants
with a clean brush, or soft, lint-free cloth. DO NOT
use objects that could damage the handle
assembly.
2. Ensure that all components are in place and
properly secured.
3. With the terminating head in place, connect the
air supply, then squeeze and release the trigger to
ensure that the mechanisms and plunger move
smoothly.
7.2. Periodic Inspection (At Least Once a Month)
1. Remove any accumulated film with a suitable
cleaning agent that will not affect plastic material.
2. Make sure all components are in place and are
properly secured. Refer to Figure 5. Check the
handle assembly for chipped, cracked, worn, or
broken areas. If damage is evident, repair is
necessary. See Section 8, REPLACEMENT AND
REPAIR.
8. REPLACEMENT AND REPAIR
Customer-replaceable parts are listed in Figure 5.
A complete inventory can be stocked and controlled to
prevent lost time when replacement of parts is
necessary. Parts other than those listed should be
replaced by TE to ensure quality and reliability of the
handle assembly. Order replacement parts through


Similar Part No. - 310424-1

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310421 METZ-310421 Datasheet
336Kb / 5P
   screw type terminal block, pluggable
310421 METZ-310421 Datasheet
314Kb / 5P
   screw type terminal block, pluggable
logo
Schneider Electric
3104210901 SCHNEIDER-3104210901 Datasheet
63Kb / 2P
   NEMA Type S Motor Starters
Feb 2, 2023
More results

Similar Description - 310424-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4146 MACOM-408-4146 Datasheet
297Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4147 MACOM-408-4147 Datasheet
296Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4109 MACOM-408-4109 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
logo
TE Connectivity Ltd
409-32041 TEC-409-32041 Datasheet
695Kb / 9P
   12 Ton Pistol Grip
logo
Schneider Electric
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD Datasheet
86Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD Datasheet
69Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD_V01 Datasheet
97Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
Jun 27, 2022
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD_V01 Datasheet
80Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
Jun 27, 2022
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
logo
PHOENIX CONTACT
1091431 PHOENIX-1091431 Datasheet
226Kb / 5P
   Cable handle - EV-GRIP-D35,7MM
Nov 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com