Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21086-6 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 21086-6
Description  Pistol Grip Pneumatic Handle Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

21086-6 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  21086-6 Datasheet HTML 1Page - TE Connectivity Ltd 21086-6 Datasheet HTML 2Page - TE Connectivity Ltd 21086-6 Datasheet HTML 3Page - TE Connectivity Ltd 21086-6 Datasheet HTML 4Page - TE Connectivity Ltd 21086-6 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408-6789
5 of 5
Rev E
your representative, or call 1-800-526-5142, or send a
facsimile of your purchase to 717-986-7605, or write
to:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
or
TYCO ELECTRONICS CORPORATION UK LTD
BARTON TORS
BIDEFORD
NORTH DEVON, GREAT BRITAIN
For customer repair service, call 1-800-526-5136.
9. REVISION SUMMARY
Since the previous release of these instructions, the
new company logo was applied, and the document
was re-formatted and re-arranged.
ITEM
PART NUMBER
DESCRIPTION
QTY PER ASSEMBLY
1
27174-1
VALVE, Poppet
1
2
1-21003-3
SCREW, Flat Head Socket Cap
1
3
28472-1
PUSH BUTTON TRIGGER, Valve Actuator
1
4
312140-1
KEY
1
5
312141-1
NUT, Cam Adjustment
1
6
312157-1
AIR CYLINDER
1
7
21086-6
O-RING
2
8
310421-1
PLUG, Cap
1
9
310424-1
BRACKET, Air Cylinder
1
10
312156-1
HANDLE
1
11
312622-2
SUBASSEMBLY, Air Tube
1
12
217915-1
LABEL, CE
1
Figure 5


Similar Part No. - 21086-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2108-12S ETC1-2108-12S Datasheet
1Mb / 4P
   Turbo-Coat Acrylic Conformal Coating
2021
logo
Mill-Max Mfg. Corp.
2108-2-00-44-00 MILL-MAX-2108-2-00-44-00 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
2108-2-00-44-00-00-07-0 MILL-MAX-2108-2-00-44-00-00-07-0 Datasheet
381Kb / 1P
   SOLDER TERMINAL TURRETS
logo
RAF ELECTRONIC HARDWARE
2108-440-AL RAF-2108-440-AL Datasheet
121Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2108-440-N RAF-2108-440-N Datasheet
121Kb / 1P
   1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 21086-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4146 MACOM-408-4146 Datasheet
297Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4147 MACOM-408-4147 Datasheet
296Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4109 MACOM-408-4109 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
logo
TE Connectivity Ltd
409-32041 TEC-409-32041 Datasheet
695Kb / 9P
   12 Ton Pistol Grip
logo
Schneider Electric
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD Datasheet
86Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD Datasheet
69Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD_V01 Datasheet
97Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
Jun 27, 2022
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD_V01 Datasheet
80Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
Jun 27, 2022
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
logo
PHOENIX CONTACT
1091431 PHOENIX-1091431 Datasheet
226Kb / 5P
   Cable handle - EV-GRIP-D35,7MM
Nov 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com