Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58086-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 58086-1
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

58086-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  58086-1 Datasheet HTML 1Page - TE Connectivity Ltd 58086-1 Datasheet HTML 2Page - TE Connectivity Ltd 58086-1 Datasheet HTML 3Page - TE Connectivity Ltd 58086-1 Datasheet HTML 4Page - TE Connectivity Ltd 58086-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408-6877
Rev C
5 of 5
Figure 5
7. REPLACEMENT
Parts listed in Figure 6 are customer-replaceable. A complete inventory can be stocked and controlled to
prevent lost time when replacement of parts is necessary. Order replacements through your local TE
Representative, or call 1-800-526-5142, or send a facsimile of your purchase order to 1-717-986-7605, or write
to:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
8. REVISION SUMMARY
Updated document to corporate requirements
New logo
DIE ASSEMBLY
PART NO.
DIE OPENING DIMENSIONS
CUSTOMER-REPLACEABLE PARTS
CENTER CONTACT
“A” ±0.05 [±.002]
FERRULE
“B” ±0.10 [±.004]
INDENTER
(Item 1)
ANVIL
(Item 2)
QTY PER
ASSEMBLY
58085-1
1.12 [.044]
6.10 [.240]
313134-1
313135-1
1
58086-1
1.12 [.044]
6.73 [.265]
313134-2
313135-2
1
58174-1
1.12 [.044]
4.32 [.170]
313134-3
313135-3
1
Figure 6
DIE ASSEMBLY
PART NO.
GAGE ELEMENT DIAMETER
GO
NO-GO
58085-1
5.9690-5.9766
[.2350-.2353]
6.2205-6.2230
[.2449-.2450]
58086-1
6.6040-6.802
[.2600-.2603]
6.8555-6.8580
[.2699-.2700]
58174-1
4.1910-4.1986
[.1650-.1653]
4.4425-4.4450
[.1749-.1750]
Measuring Center Contact Crimp
Suggested Plug Gage for Ferrule Crimping Chamber
Position Point
on Center of
Wire Barrel
1.041-1.194
[.041-.047]
Modified
Anvil
GO Dia
NO-GO Dia
Crimping Chamber
GO Element
NO-GO Element
“GO” gage must pass
completely through
the die closure.
“NO-GO” gage may enter partially,
but must not pass completely
through the die closure
A
B
1
2
30.48 [1.20]
32.82 [1.292]
11.89 [.468]
WEIGHT: 85 g [3 oz]


Similar Part No. - 58086-1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5808 KSS-5808 Datasheet
659Kb / 2P
   Board to Board Connector
logo
TEKTRONIX, INC.
5808 TEKTRONIX-5808 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
5808 TEKTRONIX-5808 Datasheet
2Mb / 16P
   2461-EC Graphical Potentiostat
5808 TEKTRONIX-5808 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Tyco Electronics
58080-3 MACOM-58080-3 Datasheet
137Kb / 5P
   Pnuematic Platform Adapters
More results

Similar Description - 58086-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com