Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI8455PSTF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI8455PSTF
Description  Integrated DO-160G Level 3 Lightning Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8455PSTF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI8455PSTF Datasheet HTML 1Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 2Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
2
BLOCK DIAGRAMS
TEST
RINA
RINB
NULL
ZERO
NULL
ONE
TESTA
ROUTB
ROUTA
SQ
R
LATCH
LATCH
SQ
TESTB
R
TESTA
TESTB
TEST
LIGHTNING
PROTECTION
AND
TRANSLATION
Figure 1. Line Receiver Block Diagram
IN1A
IN1B
IN2A
IN2B
IN3A
IN3B
IN4A
IN4B
TESTA
TESTB
OUT1A
OUT1B
OUT2A
OUT3A
OUT3B
OUT4A
OUT4B
OUT2B
Figure 2. HI-8454 Block Diagram
FUNCTIONAL DESCRIPTION
Figure 1 shows the general architecture of an ARINC 429
receiver. The receiver operates off the VDD supply only.
The inputs RINA and RINB may be connected directly to
the ARINC 429 bus. Internal lightning protection circuitry
ensures compliance with RTCA/DO-160G, Section 22
Level 3 Pin Injection Test Waveform Set A (3 & 4), Set
B (3 & 5A) and Set Z (3 & 5B) without the use of any
external components.
After level translation, the inputs are buffered and
becomeinputstoadifferentialamplifier.Theamplitude
of the differential signal is compared to levels derived
from a divider between VDD and Ground. The nominal
settings correspond to a One/Zero amplitude of 6.0V
and a Null amplitude of 3.3V.
The status of the ARINC receiver input is latched. A Null
input resets the latches and a One or Zero input sets the
latches.
The logic at the output is controlled by the test signal
which is generated by the logical OR of the TESTA and
TESTB pins (not available on HI-8455). If TESTA and
TESTB are both One, the outputs are pulled low (HI-
8451 and HI-8454 only). This allows the digital outputs
of a transmitter to be connected to the test inputs
through control logic for system self-test purposes. In
the case of HI-8450, if TESTA and TESTB are both One,
the outputs are high impedance (HI-Z).


Similar Part No. - HI8455PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8444PSIF HOLTIC-HI8444PSIF Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI8444PSIF10 HOLTIC-HI8444PSIF10 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results

Similar Description - HI8455PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8456 HOLTIC-HI-8456 Datasheet
1Mb / 16P
   Octal ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8454 HOLTIC-HI-8454 Datasheet
960Kb / 11P
   Single / Quad ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597 Datasheet
854Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597_15 Datasheet
862Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
   Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com