Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8444 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8444
Description  ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8444 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8444_16 Datasheet HTML 1Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 2Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 3Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 4Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 5Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 6Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 7Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 8Page - Holt Integrated Circuits HI-8444_16 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TIMING DIAGRAMS
INTERNAL LIGHTNING PROTECTION (-10 Only)
The HI-8444-10, HI-8445-10 and HI-8488-10 are similar to the
“non -10” configurations with the exception that an external
15 Kohm resistor must be added in series with each ARINC input
in order to properly detect the ARINC 429 specified input
thresholds. This option is especially useful in applications where
external lightning protection circuitry is required.
The HI-8444-10, HI-8445-10 and HI-8448-10 will meet the
requirements of DO-160G, Level 3, waveforms 3, 4, 5A and 5B
with the 15 Kohm series resistors in place.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightening protection of Holt
Line Drivers and Receivers.
HI-8444, HI-8445, HI-8448
1.5V
1.5V
tLH
tHL
tLH
tHL
IN A
IN B
OUT A
OUT B
1.5V
tTOH
tTOL
1.5V
TEST A
/
TEST B
OUT A
/
OUT B
ARINC 429 Receiver Timing
Test Mode Timing
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8444_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
More results

Similar Description - HI-8444_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com