Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8382 Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8382
Description  Differential Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382 Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8382_13 Datasheet HTML 3Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 4Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 5Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 6Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 7Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 8Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 9Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 10Page - Holt Integrated Circuits HI-8382_13 Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HI-8382 PACKAGE DIMENSIONS
28-PIN CERAMIC LEADLESS CHIP CARRIER
inches (millimeters)
Package Type: 28S
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.451
±.009
(11.455
±.229)
SQ.
.080
±.020
(2.032
±.508)
.040 x 45° 3PLS
(1.016 x 45° 3PLS)
.050
±.005
(1.270
±.127)
.025
±.003
(.635
±.076)
PIN 1
.008R ± .006
(.203R
±.152)
PIN 1
.050
(1.270)
BSC
.020
(.508)
INDEX
32-PIN J-LEAD CERQUAD
inches (millimeters)
Package Type: 32U
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.040
(1.016)
.190
(4.826)
.420
±.012
(10.668
±.305)
.588
±.008
(14.935
±.203)
.019
± .003
(.483
± .076)
.488
±.008
(12.395
±.203)
.450
±.008
(11.430
±.203)
.550
± .009
(13.970
± .229)
.520
±.012
(13.208
±.305)
31
32
1
2
.083
±.009
(2.108
±.229)
.050
BSC
(1.270)
typ
max
HOLT INTEGRATED CIRCUITS
10


Similar Part No. - HI-8382_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-8382_13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1504C ELANTEC-EL1504C Datasheet
161Kb / 2P
   Differential Line Driver
logo
Texas Instruments
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Texas Instruments
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com