Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3861PPG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74CBTLV3861PPG
Description  LOW-VOLTAGE 10-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3861PPG Datasheet(HTML) 5 Page - Integrated Device Technology

  74CBTLV3861PPG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3861PPG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3861PPG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3861PPG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3861PPG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3861
LOW-VOLTAGE10-BITBUSSWITCH
5
XX
CBTLV
XXX
XX
Package
Device Type
Temp. Range
QG
PGG
74
Quarter-size Small Outline Package - Green
Thin Shrink Small Outline Package - Green
Low-Voltage 10-Bit Bus Switch
–40°C to +85°C
3861
X
Blank
8
Tube or Tray
Tape and Reel
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
10/02/12
Pg. 5
Updated the ordering information by removing the “IDT” notation also by removing non RoHS part and by
adding Tape and Reel information.


Similar Part No. - 74CBTLV3861PPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74CBTLV3861PPG IDT-74CBTLV3861PPG Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
74CBTLV3861PPG8 IDT-74CBTLV3861PPG8 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
More results

Similar Description - 74CBTLV3861PPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384 Datasheet
64Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
74CBTLV3861 RENESAS-74CBTLV3861 Datasheet
254Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com