Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3253PPG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 74CBTLV3253PPG8
Description  LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3253PPG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  74CBTLV3253PPG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3253PPG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3253PPG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3253PPG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3253PPG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3253
LOW-VOLTAGEDUAL1-OF-4MULTIPLEXER/DEMULTIPLEXER
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIK
Control Inputs, Data Inputs
VCC = 3V, II = –18mA
–1.2
V
II
Control Inputs
VCC = 3.6V, VI = VCC or GND
±1
μA
IOZ
Data I/O
VCC = 3.6V, VO = 0 or 3.6V, switch disabled
5
μA
IOFF
VCC = 0, VI or VO = 0 to 3.6V
50
μA
ICC
VCC = 3.6V, IO = 0, VI = VCC or GND
10
μA
ΔICC(2)
Control Inputs
VCC = 3.6V, one input at 3V, other inputs at VCC or GND
300
μA
CI
Control Inputs
VI = 3V or 0
4
pF
CIO(OFF)
A Port
VO = 3V or 0, OE = VCC = 3.3V
20
pF
B Port
—6
VCC = 2.3V
VI = 0
IO = 64mA
5
8
Typ. at VCC = 2.5V
IO = 24mA
5
8
RON(3)
VI = 1.7V
IO = 15mA
27
40
Ω
VI = 0
IO = 64mA
5
7
VCC = 3V
IO = 24mA
5
7
VI = 2.4V
IO = 15mA
10
15
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Conditions: TA = –40°C to +85°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPD(1)
PropagationDelay
0.15
0.25
ns
A to B or B to A
tSEL
SelectTime
1
4.8
1
4.5
ns
S to A or B
tEN
EnableTime
1
4.8
1
4.5
ns
S to B
tDIS
DisableTime
1
5.1
1
5.3
ns
S to B
tEN
OutputEnableTime
1
5
1
4.8
ns
OE to A or B
tDIS
OutputDisableTime
1
5.5
1
5.4
ns
OE to A or B
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance driven by an ideal voltage source
(zero output impedance).
SWITCHINGCHARACTERISTICS
NOTES:
1. Typical values are at VCC = 3.3V, +25°C ambient.
2. The increase in supply current is attributable to each current that is at the specified voltage level rather than VCC or GND.
3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages
of the two (A or B ) terminals.


Similar Part No. - 74CBTLV3253PPG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV3253PGG RENESAS-74CBTLV3253PGG Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
74CBTLV3253PGG8 RENESAS-74CBTLV3253PGG8 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
NXP Semiconductors
74CBTLV3253PW NXP-74CBTLV3253PW Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253PW NEXPERIA-74CBTLV3253PW Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253PW-Q100 NEXPERIA-74CBTLV3253PW-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
More results

Similar Description - 74CBTLV3253PPG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3253 IDT-IDT74CBTLV3253 Datasheet
148Kb / 5P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3253 RENESAS-74CBTLV3253 Datasheet
276Kb / 6P
   LOW-VOLTAGE DUAL 1-OF-4 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3253 TI-SN74CBTLV3253_08 Datasheet
732Kb / 17P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3253 TI-SN74CBTLV3253 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
logo
NXP Semiconductors
74CBTLV3253BQ NXP-74CBTLV3253BQ Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com