Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASI4UE-E-G1-SR Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ASI4UE-E-G1-SR
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4UE-E-G1-SR Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ASI4UE-E-G1-SR Datasheet HTML 6Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 7Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 8Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 9Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 10Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 11Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 12Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 13Page - Integrated Device Technology ASI4UE-E-G1-SR Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 26, 2016
2.2.
Operating Conditions
Table 2.2
Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX.
UNIT
Positive supply voltage for IC operation
1)
VUIN
DC parameter:
VUINmin = VUOUTmin + VDROPmax
VUINmax = VUOUTmax + VDROPmin
16
33.1
V
Negative supply voltage
V0V, VGND
0
0
V
DC voltage at ASIP
2)
VASIP
Relative to V0V
16
33.1
V
DC voltage at ASIN
2)
VASIN
Relative to V0V
-4
4
V
Operating current
IUIN
VUIN = 30V
fc = 8.000 MHz; no load at any
pin; transmitter turned off; digital
State Machine is in idle state
6
mA
Maximum output sink current at DO0, DO1, DO2,
DO3, and DSR pins
ICL1
10
mA
Maximum output sink current at P0, P1, P2, P3,
and PST pins
ICL2
10
mA
Ambient temperature range, operating range
Ta
ASI4U
-25
85
°C
ASI4U-E
-25
105
°C
ASI4U-F
-40
85
°C
1)
Below VUINmin, the power supply block might not be able to provide the specified output currents at UOUT and U5R.
2)
Outside the maximum and minimum limits, the send current shape and send current amplitude cannot be guaranteed.
Table 2.3
Crystal Frequency
PARAMETER
SYMBOL
CONDITIONS
NOMINAL
UNIT
Crystal frequency
1)
fc
8.000/16.000
MHz
1)
The IC automatically detects whether the crystal frequency is 8.000MHz or 16.000MHz and controls the internal clock circuit
accordingly. The frequency detection is locked as soon as one AS-i telegram has been correctly received at any input channel.
It can be reset by a power-on reset only.
Note: In Slave Mode, the locking occurs if a Master Call has been received. In the Master, Repeater, or Monitor Modes, a Master
Call or a Slave Response that has been received on any input channel triggers the frequency locking.
The ASI4U/ASI4U-E/ASI4U-F supports an integrated clock watchdog. If no crystal or clock oscillation is recog-
nized for 150µs, the IC generates a RESET event until clock oscillation is available. More detailed oscillator pin
definitions can be found in section 4.10.
2.3. Quality Standards
The quality of the ASI4U/ASI4U-E/ASI4U-F is ensured according to the IDT quality standards. Functional device
parameters are valid for device operating conditions specified in section 2.2. Unless otherwise stated, production
device tests are performed at Ta = +25°C within the recommended ranges of (VASIP - VASIN) and (VIN - V0V).
Additional sample base testing is done at +85°C and -25°C (-40°C for the ASI4U-F).


Similar Part No. - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASI4UE-E-G1-SR ETC2-ASI4UE-E-G1-SR Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
More results

Similar Description - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com