Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3244QG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74CBTLV3244QG
Description  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3244QG Datasheet(HTML) 1 Page - Integrated Device Technology

  74CBTLV3244QG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3244QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3244
LOW-VOLTAGEOCTALBUSSWITCH
1
DECEMBER 2014
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2014 Integrated Device Technology, Inc.
DSC-5393/6
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• Pin-out compatible with standard '244 Logic products
•5
Ω
Ω
Ω
Ω
Ω A/B bi-directional switch
• Isolation under power-off conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
•VCC = 2.3V - 3.6V, Normal Range
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
SIMPLIFIED SCHEMATIC, EACH SWITCH
IDT74CBTLV3244
LOW-VOLTAGE OCTAL
BUS SWITCH
DESCRIPTION:
The octal bus switch has standard 244 pinouts. The CBTLV3244 is
designed for asynchronous communication between data buses. Sets of
four switches are controlled by one output Enable (OE). When OE is low,
the set of four bus switches is on and port A is connected to port B. When
OE is high, the set of four bus switches is off and a high impedance exists
between port A and port B.
To ensure the high-impedance state during power up or power down,
both OEs should be tied to VCC through a pullup resistor.
OE
A
B
2
8
1
1A1
1A4
1OE
SW
SW
1B4
1B1
18
12
11
17
19
2A1
2A4
2OE
SW
SW
2B4
2B1
9
3


Similar Part No. - 74CBTLV3244QG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV3244QG RENESAS-74CBTLV3244QG Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3244QG8 RENESAS-74CBTLV3244QG8 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results

Similar Description - 74CBTLV3244QG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com