Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTL3125PPG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 74CBTL3125PPG8
Description  LOW-VOLTAGE QUADRUPLE BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTL3125PPG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  74CBTL3125PPG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTL3125PPG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74CBTLV3125
LOW-VOLTAGEQUADRUPLEBUSSWITCH
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
Ω
500
Ω
CL
RT
VIN
VOUT
(1, 2)
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL + VLZ
VOH
V
T
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH -VHZ
TEST CIRCUITS AND WAVEFORMS
Test Circuits for All Outputs
Enable and Disable Times
Propagation Delay
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2.5ns.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Symbol
VCC(1)=3.3V±0.3V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
Vcc / 2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
TEST CONDITIONS
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tPD
Open
SWITCH POSITION


Similar Part No. - 74CBTL3125PPG8

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
logo
Renesas Technology Corp
74CBTLV16210 RENESAS-74CBTLV16210 Datasheet
262Kb / 6P
   LOW-VOLTAGE 20-BIT BUS SWITCH
JUNE 2019
logo
Texas Instruments
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
314Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
74CBTLV16210DLG4 TI-74CBTLV16210DLG4 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Similar Description - 74CBTL3125PPG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3126 IDT-IDT74CBTLV3126 Datasheet
96Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Renesas Technology Corp
IDT74CBTLV3125 RENESAS-IDT74CBTLV3125 Datasheet
331Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
DECEMBER 2014
IDT74CBTLV3126 RENESAS-IDT74CBTLV3126 Datasheet
264Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
JULY 2008
logo
Integrated Device Techn...
IDT74CBTLV3125 IDT-IDT74CBTLV3125 Datasheet
127Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com