Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7010.7160.49 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 7010.7160.49
Description  Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.7160.49 Datasheet(HTML) 2 Page - Schurter Inc.

  7010.7160.49 Datasheet HTML 1Page - Schurter Inc. 7010.7160.49 Datasheet HTML 2Page - Schurter Inc. 7010.7160.49 Datasheet HTML 3Page - Schurter Inc. 7010.7160.49 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Non resettable fuses
172322
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 10 A
_> 12 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.063
125
125
1)
1050
66
0.0008
l
l
7010.7010.13
0.063
125
125
1)
1050
66
0.0008
l
l
7010.7010.37
0.063
125
125
1)
1050
66
0.0008
l
l
7010.7010.39
0.063
125
125
1)
1050
66
0.0008
l
l
7010.7010.47
-
125
125
1)
1050
66
0.0008
l
l
7010.7010.49
0.125
125
125
1)
900
115
0.0036
l
l
l
7010.7020.13
0.125
125
125
1)
900
115
0.0036
l
l
l
7010.7020.37
0.125
125
125
1)
900
115
0.0036
l
l
l
7010.7020.39
0.125
125
125
1)
900
115
0.0036
l
l
l
7010.7020.47
0.125
125
125
1)
900
115
0.0036
l
l
l
7010.7020.49
0.25
125
125
1)
325
82
0.0094
l
l
l
7010.7030.13
0.25
125
125
1)
325
82
0.0094
l
l
l
7010.7030.37
0.25
125
125
1)
325
82
0.0094
l
l
l
7010.7030.39
0.25
125
125
1)
325
82
0.0094
l
l
l
7010.7030.47
0.25
125
125
1)
325
82
0.0094
l
l
l
7010.7030.49
0.375
125
125
1)
245
92
0.019
l
l
l
7010.7040.13
0.375
125
125
1)
245
92
0.019
l
l
l
7010.7040.37
0.375
125
125
1)
245
92
0.019
l
l
l
7010.7040.39
0.375
125
125
1)
245
92
0.019
l
l
l
7010.7040.47
0.375
125
125
1)
245
92
0.019
l
l
l
7010.7040.49
0.5
125
125
1)
260
130
0.07
l
l
l
7010.7050.13
0.5
125
125
1)
260
130
0.07
l
l
l
7010.7050.37
0.5
125
125
1)
260
130
0.07
l
l
l
7010.7050.39
0.5
125
125
1)
260
130
0.07
l
l
l
7010.7050.47
0.5
125
125
1)
260
130
0.07
l
l
l
7010.7050.49
0.75
125
125
1)
245
185
0.18
l
l
l
7010.7060.13
0.75
125
125
1)
245
185
0.18
l
l
l
7010.7060.37
0.75
125
125
1)
245
185
0.18
l
l
l
7010.7060.39
0.75
125
125
1)
245
185
0.18
l
l
l
7010.7060.47


Similar Part No. - 7010.7160.49

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.7100.13 SCHURTER-7010.7100.13 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results

Similar Description - 7010.7160.49

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172322 SCHURTER-172322 Datasheet
434Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_18 Datasheet
430Kb / 5P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_16 Datasheet
379Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com