Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL611S-02 Datasheet(PDF) 9 Page - Microchip Technology

Part # PL611S-02
Description  1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL611S-02 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PL611S-02 Datasheet HTML 5Page - Microchip Technology PL611S-02 Datasheet HTML 6Page - Microchip Technology PL611S-02 Datasheet HTML 7Page - Microchip Technology PL611S-02 Datasheet HTML 8Page - Microchip Technology PL611S-02 Datasheet HTML 9Page - Microchip Technology PL611S-02 Datasheet HTML 10Page - Microchip Technology PL611S-02 Datasheet HTML 11Page - Microchip Technology PL611S-02 Datasheet HTML 12Page - Microchip Technology PL611S-02 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005670A-page 9
PL611S-02
4.0
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a
performance optimized PCB design.
4.1
Signal Integrity and Termination
Considerations
• Keep traces short!
• Trace = Inductor. With a capacitive load this
equals ringing
• Long trace = Transmission Line. Without proper
termination this will cause reflections (looks like
ringing).
• Design long traces (greater than one inch) as
striplines or microstrips with defined impedance.
• Match trace at one side to avoid reflections
bouncing back and forth.
4.2
Decoupling and Power Supply
Considerations
• Place decoupling capacitors as close as possible
to the VDD pin(s) to limit noise from the power
supply
• Multiple VDD pins should be decoupled separately
for best performance.
• Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
• Value of decoupling capacitor is frequency
dependent. Typical values to use are 0.1 μF for
designs using frequencies < 50 MHz and 0.01 μF
for designs using frequencies > 50 MHz.
FIGURE 4-1:
Typical CMOS Termination.
FIGURE 4-2:
Crystal Tuning Circuit.
Typical CMOS Termination
Place Series Resistor as close as possible to CMOS output.
CMOS Output Buffer
(Typical buffer impedance 20Ω)
To CMOS Input
Series Resistor
Use value to match output buffer impedance
to 50Ω trace. Typical value is 30Ω.
50Ω Line
Crystal Tuning Circuit
Series and parallel capacitors used to fine tune the crystal load to the circuit load.
Crystal
XIN
18
XOUT
CPT
CPT
CST
CST: Series Capacitor that is used to lower circuit load to match crystal load. Raises
frequency offset. This can be eliminated by using a crystal with a C
LOAD of equal or
greater value than the oscillator.
CPT: Parallel Capacitors that are used to raise the circuit load to match the crystal load.
Lowers frequency offset.


Similar Part No. - PL611S-02

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC PLL-PL611S-02-XXXGC Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC-R PLL-PL611S-02-XXXGC-R Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGCR PLL-PL611S-02-XXXGCR Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGI PLL-PL611S-02-XXXGI Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results

Similar Description - PL611S-02

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
PhaseLink Corporation
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
   1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
   1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
   1.8V-3.3V PicoPLLTM 32K Programmable Clock
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
PhaseLink Corporation
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
   1.8V to 3.3V PicoPLLTM Programmable Clock
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com