Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4410.0044 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4410.0044
Description  Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4410.0044 Datasheet(HTML) 3 Page - Schurter Inc.

  4410.0044 Datasheet HTML 1Page - Schurter Inc. 4410.0044 Datasheet HTML 2Page - Schurter Inc. 4410.0044 Datasheet HTML 3Page - Schurter Inc. 4410.0044 Datasheet HTML 4Page - Schurter Inc. 4410.0044 Datasheet HTML 5Page - Schurter Inc. 4410.0044 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Thermal (T- and TA-Line)
T12-211
www.schurter.com /PG17_20
Circuit Breakers
Ø
9.6
8.9
16
16
Diagrams
Tap 4,8 x 0,8 mm
2
1
Tap 4,8 x 0,8 mm
23
1
Tap 4,8 x 0,8 mm
54
6
2
1
Tap 4,8 x 0,8 mm
5
23
1
4
6
Approval
Main circuit
Auxiliary circuit
Rated current
Rated voltage AC
Rated voltage DC
Rated current
Rated voltage AC
Rated voltage DC
UL 1077
CSA C22.2 No. 235
0.05...15 A
240 V
28 V
2 A
3 A
120 V
-
-
28 V
CSA C22.2 No. 235
0.3...16 A
240 V
28 V
1 A
240 V
-
IEC 60934
0.05...16 A
240 V
28 V
1 A
240 V
28 V
GB 17701
0.05...16 A
240 V
28 V
1 A
240 V
28 V


Similar Part No. - 4410.0044

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4410.9001 SCHURTER-4410.9001 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9002 SCHURTER-4410.9002 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9003 SCHURTER-4410.9003 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9004 SCHURTER-4410.9004 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9005 SCHURTER-4410.9005 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
More results

Similar Description - 4410.0044

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T11-214 SCHURTER-T11-214_18 Datasheet
345Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-211 SCHURTER-T11-211 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211_V01 Datasheet
460Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211 Datasheet
430Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_18 Datasheet
378Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211_V01 Datasheet
431Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-214 SCHURTER-T11-214 Datasheet
336Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-214 SCHURTER-T11-214_V01 Datasheet
389Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_V01 Datasheet
407Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311 Datasheet
342Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com