Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4400.0089 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4400.0089
Description  Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4400.0089 Datasheet(HTML) 4 Page - Schurter Inc.

  4400.0089 Datasheet HTML 1Page - Schurter Inc. 4400.0089 Datasheet HTML 2Page - Schurter Inc. 4400.0089 Datasheet HTML 3Page - Schurter Inc. 4400.0089 Datasheet HTML 4Page - Schurter Inc. 4400.0089 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Thermal (T- and TA-Line)
T11-214
www.schurter.com /PG17_20
Circuit Breakers
Time-Current-Curves
10`000
1,05
60
10
8
5
4
3
2
1,35
2`000
1`000
500
200
100
50
20
10
5
2
1
0,5
0,3
0,2
0,1
[ sec]
[ min ]
30
20
10
5
1
< 6,5 A
> 6,5 A
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
T11
|-|1|2|3|A|B|-|1.23|
The characters are placeholders for the correspondingly keys of selections from the key tables.
T11
|-|1|2|3|A|B|-|1.23| = Mounting
Mounting
Configuration
key
Threaded neck type 6 mm
2
T11
|-|1|2|3|A|B|-|1.23| = Actuation type
Actuation type
Configuration
key
Reset type
1
T11
|-|1|2|3|A|B|-|1.23| = Terminal
Terminal
Configuration
key
Quick connect terminals 2.8x0.8mm
4
T11
|-|1|2|3|A|B|-|1.23| = Shunt terminal
Shunt terminal
Configuration
key
Shunt terminal
N
T11
|-|1|2|3|A|B|-|1.23| = Setting indication
Setting indication
Configuration
key
Setting indication
R
T11
|-|1|2|3|A|B|-|1.23| = Rated current
Rated current
Configuration
key
0.05 A
0.05
0.1 A
0.1
0.15 A
0.15
0.2 A
0.2
0.3 A
0.3
0.4 A
0.4
0.5 A
0.5
0.6 A
0.6
0.7 A
0.7
0.8 A
0.8
0.9 A
0.9
1.0
1
1.1 A
1.1
1.2 A
1.2
1.3 A
1.3
1.4 A
1.4
1.5 A
1.5
1.6 A
1.6
1.7 A
1.7
1.8 A
1.8
1.9 A
1.9
2.0 A
2
Other rated currents on request


Similar Part No. - 4400.0089

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4400.0002 SCHURTER-4400.0002 Datasheet
388Kb / 6P
   Circuit Breaker for Equipment thermal, Snap-in type, Reset type, Quick connect terminals
4400.0008 SCHURTER-4400.0008 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
4400.0010 SCHURTER-4400.0010 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
4400.0030 SCHURTER-4400.0030 Datasheet
388Kb / 6P
   Circuit Breaker for Equipment thermal, Snap-in type, Reset type, Quick connect terminals
4400.0034 SCHURTER-4400.0034 Datasheet
388Kb / 6P
   Circuit Breaker for Equipment thermal, Snap-in type, Reset type, Quick connect terminals
More results

Similar Description - 4400.0089

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T11-214 SCHURTER-T11-214_18 Datasheet
345Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-211 SCHURTER-T11-211 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211 Datasheet
411Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211_V01 Datasheet
460Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211 Datasheet
430Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_18 Datasheet
378Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211_V01 Datasheet
431Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-214 SCHURTER-T11-214_V01 Datasheet
389Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_V01 Datasheet
407Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311 Datasheet
342Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com