Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7092.2630 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7092.2630
Description  Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7092.2630 Datasheet(HTML) 1 Page - Schurter Inc.

  7092.2630 Datasheet HTML 1Page - Schurter Inc. 7092.2630 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholders
23312P
www.schurter.com /PG02
Fuses
Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
250 VAC · 2.5W/10A (NF)10A (UL/CSA)
Description
- Screw type fuse carrier
Standards
- UL 4248-1 / UL 512
- CSA C22.2 no. 39
- NF C 93-436 - Modell HB02
- Contrôle de Conformité de Qualité (CCQ)
Approvals
- UL File Number: E41738
- CSA File Number: 23151
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Fuse-Link
6.3 x 32 mm
Mounting
Panel Mount, Rear Side
Attachment
Fixing Nut
Terminal
Solder
Rated Voltage
250 VAC
Rated current
10 A (NF), 10 A (UL/CSA)
Rated Power Acceptance IEC 2.5 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP 40 / IP 67
Protection Class
Suitable for appliances with protection
class I or II acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoset, black
Unit Weight
19 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Type, Rated Voltage, Rated current, Ap-
provals, HB2
Soldering Methods
Iron
Soldering Profile
Contact Resistance
< m
Ω at 20 mV
Resistance to Vibration
acc. to NF C 20-706 / IEC 60068-2-6,
test Fc
Shocks
acc. to NF C 20-706 / IEC 60068-2-27
Bumps
acc. to NF C 20-729 / IEC 60068-2-29
Salt Mist
acc. to NF C 20-711 / IEC 60068-2-11
Dump Heat
acc. to NF C 20-604
Climatic Composite
acc. to NF C 20-619 Phases D and F
Admissible Torque on Fixing
Nut
max 1.2 Nm
Plattendicke
max 5 mm
Dimension
54 mm
Nut 18/sides
Tenon
max. 54
max. 5
max. 20
2
min. 1.3
2
17.6 ±0.1
Mounting holes


Similar Part No. - 7092.2630

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7092.2630 SCHURTER-7092.2630 Datasheet
249Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
7092.2630 SCHURTER-7092.2630 Datasheet
259Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
29.03.2021
More results

Similar Description - 7092.2630

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23312P SCHURTER-23312P_18 Datasheet
249Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
23312P SCHURTER-23312P_V01 Datasheet
259Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
29.03.2021
23312P SCHURTER-23312P Datasheet
309Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, NF
23463P SCHURTER-23463P Datasheet
220Kb / 1P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, grau
231549P SCHURTER-231549P Datasheet
217Kb / 1P
   Shock-Safe Fuseholder, 6.3 x 32 mm, NF, Fingergrip, IP 68
23463P SCHURTER-23463P_V01 Datasheet
231Kb / 2P
   Shock-Safe Fuseholder, 6.3 x 32 mm, Fingergrip, Rear-Side, grau or black
04.12.2014
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
231600P SCHURTER-231600P Datasheet
215Kb / 1P
   Shock-Safe Fuseholder, 4.7 x 16 mm, Fingergrip, Rear-Side
231600P SCHURTER-231600P_18 Datasheet
233Kb / 2P
   Shock-Safe Fuseholder, 4.7 x 16 mm, Fingergrip, Rear-Side
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com