Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4832.2230 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4832.2230
Description  4832, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4832.2230 Datasheet(HTML) 2 Page - Schurter Inc.

  4832.2230 Datasheet HTML 1Page - Schurter Inc. 4832.2230 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Audio Plug/Sockets
4832.2220
www.schurter.com /PG12
Appliance inlet
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
Audio Plug/Sockets
3.5
2-pole
PCB terminals
4832.2220
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs
Mating Inlets/Plugs
Category / Description
Audio Plug/Sockets Overview complete
4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.1200
4832, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.1211
4832, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.1220
Audio Plug/Sockets further types to 4832.2220
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4832.2230

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4832.2230 SCHURTER-4832.2230 Datasheet
218Kb / 2P
   4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2230 SCHURTER-4832.2230 Datasheet
272Kb / 2P
   4832, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2230 SCHURTER-4832.2230 Datasheet
231Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2230 SCHURTER-4832.2230 Datasheet
282Kb / 2P
   , PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2230 SCHURTER-4832.2230 Datasheet
281Kb / 2P
   , PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
More results

Similar Description - 4832.2230

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4832.2220 SCHURTER-4832.2220_17 Datasheet
276Kb / 2P
   4832, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2320 SCHURTER-4832.2320 Datasheet
275Kb / 2P
   4832, PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2320 SCHURTER-4832.2320_17 Datasheet
277Kb / 2P
   4832, PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2220 SCHURTER-4832.2220_V01 Datasheet
288Kb / 2P
   , PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2230 SCHURTER-4832.2230 Datasheet
272Kb / 2P
   4832, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2211 SCHURTER-4832.2211 Datasheet
271Kb / 2P
   4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.1200 SCHURTER-4832.1200_17 Datasheet
219Kb / 2P
   4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.1200 SCHURTER-4832.1200 Datasheet
218Kb / 2P
   4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2211 SCHURTER-4832.2211_17 Datasheet
273Kb / 2P
   4832, solder terminal, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2320 SCHURTER-4832.2320_V01 Datasheet
289Kb / 2P
   , PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com